Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1123 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1123
Description  Low Dropout Regulator Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1123 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1123 Datasheet HTML 5Page - Linear Technology LT1123 Datasheet HTML 6Page - Linear Technology LT1123 Datasheet HTML 7Page - Linear Technology LT1123 Datasheet HTML 8Page - Linear Technology LT1123 Datasheet HTML 9Page - Linear Technology LT1123 Datasheet HTML 10Page - Linear Technology LT1123 Datasheet HTML 11Page - Linear Technology LT1123 Datasheet HTML 12Page - Linear Technology LT1123 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1123
1123fb
voltage and resistor value. Power dissipation can be
calculated using the following formula:
P
V– V
– V
R
RD
IN
BE
DRIVE
2
= ()
where:
VBE = emitter/base voltage of the PNP pass transistor
VDRIVE = voltage at the drive pin of the LT1123
= VSAT of the drive pin in the worst case
The worst-case power dissipation in the PNP pass transis-
tor is simply equal to:
PMAX = (VIN – VOUT)(IOUT)
where
VIN = Maximum VIN
IOUT = Maximum IOUT
The thermal resistance of the MJE1123 is equal to:
70
°C/W Junction to Ambient (no heat sink)
1.67
°C/W Junction to Case
The PNP will normally be attached to either a chassis or a
heat sink so the actual thermal resistance from junction to
ambient will be the sum of the PNP’s junction to case
thermal resistance and the thermal resistance of the heat
sink or chassis. For nonstandard heat sinks the user will
need to determine the thermal resistance by experiment.
The maximum junction temperature rise above ambient
for the PNP pass transistor will be equal to the maximum
power dissipation times the thermal resistance, junction
to ambient, of the PNP. The maximum operating junction
temperature of the MJE1123 is 150
°C. The maximum
operating ambient temperature for the MJE1123 will be
equal to 150
°C minus the maximum junction temperature
rise.
The SOT-223 package is designed to be surface mounted.
Heat sinking is accomplished by using the heat spreading
capabilities of the PC board and its copper traces. The
thermal resistance from junction to ambient can be as low
as 50
°C/W.ThisrequiresareasonablysizedPCboardwith
at least one layer of copper to spread the heat across the
board and couple it into the surrounding air.
The table below can be used as a guideline in estimating
thermal resistance. Data for the table was generated using
1/16" FR-4 board with 1oz copper foil.
Table 1.
Copper Area
Thermal Resistance
Topside*
Backside
Board Area
(Junction to Ambient)
2500 sq. mm
2500 sq. mm
2500 sq. mm
50
°C/W
1000 sq. mm
2500 sq. mm
2500 sq. mm
50
°C/W
225 sq. mm
2500 sq. mm
2500 sq. mm
58
°C/W
100 sq. mm
2500 sq. mm
2500 sq. mm
64
°C/W
1000 sq. mm
1000 sq. mm
1000 sq. mm
57
°C/W
1000 sq. mm
0
1000 sq. mm
60
°C/W
* Tab of device attached to topside copper
For the LT1123 the tab is ground so that plated through
holes can be used to couple the tab both electrically and
thermally to the ground plane layer of the board. This will
help to lower the thermal resistance.
Thermal Limiting
The thermal limit of the LT1123 can be used to protect both
the LT1123 and the PNP pass transistor. This is accom-
plished by thermally coupling the LT1123 to the power
transistor. There are clip type heat sinks available for the
TO-92 package that will allow the LT1123 to be mounted
to the same heat sink as the PNP pass transistor. One
example is manufactured by IERC (part #RUR67B1CB).
The LT1123 should be mounted as close as possible to the
Figure 8. Power in RD
VIN (V)
6
8
1k
LT1123 F08
10
100
715
14
13
12
11
10
9
5
1W
0.5W
0.25W
2W
APPLICATIO S I FOR ATIO


Similar Part No. - LT1123

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1123 LINER-LT1123 Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123 Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
LT1123CST LINER-LT1123CST Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
LT1123CZ LINER-LT1123CZ Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123CZ LINER-LT1123CZ Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
More results

Similar Description - LT1123

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1123 LINER-LT1123 Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123_05 Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
RH1573K-DICE LINER-RH1573K-DICE_15 Datasheet
73Kb / 4P
   Low Dropout PNP Regulator Driver
LT1573 LINER-LT1573 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K Datasheet
61Kb / 2P
   Low Dropout PNP Regulator Driver
LT1573 LINER-LT1573_15 Datasheet
184Kb / 16P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K_12 Datasheet
239Kb / 13P
   RH1573K LOW DROPOUT PNP REGULATOR DRIVER DICE
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com