Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTA144VET1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LDTA144VET1G
Description  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA144VET1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LDTA144VET1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTA144VET1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA144VET1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
2/3
Electrical characteristic curves
LDTA144VET1G
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=25°C
Fig.1 Input voltage vs. Output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
VO
= −0.3V
−10m
−5m
−2m
−1m
−500µ
−200µ
−100µ
−50µ
−20µ
−10µ
−5µ
−2µ
−1µ
−1.5
−2
−2.5
−3
−3.5
−4.0
−4.5
Ta
=25°C
Fig.2 Output current vs. Input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off) (V)
VCC
= −5V
1000
500
200
100
50
20
10
5
2
1
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=25°C
Fig.3 DC current gain vs. Output current
characteristics
OUTPUT CURRENT : IO
(A)
VO
= −5V
−1
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
−100µ−200µ−500µ−1m −2m
−5m −10m −20m −50m −100m
Ta
=25°C
Fig.4 Output voltage vs. Output current
characteristics
OUTPUT CURRENT : IO
(A)
IO/II
=20


Similar Part No. - LDTA144VET1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA144VET1G LRC-LDTA144VET1G Datasheet
259Kb / 3P
   Bias Resistor Transistor
More results

Similar Description - LDTA144VET1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com