Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1193 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1193
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193 Datasheet(HTML) 1 Page - Linear Technology

  LT1193_15 Datasheet HTML 1Page - Linear Technology LT1193_15 Datasheet HTML 2Page - Linear Technology LT1193_15 Datasheet HTML 3Page - Linear Technology LT1193_15 Datasheet HTML 4Page - Linear Technology LT1193_15 Datasheet HTML 5Page - Linear Technology LT1193_15 Datasheet HTML 6Page - Linear Technology LT1193_15 Datasheet HTML 7Page - Linear Technology LT1193_15 Datasheet HTML 8Page - Linear Technology LT1193_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1193
1193fb
Video Difference
Amplifier
s
Differential or Single-Ended Gain Block (Adjustable)
s
–3dB Bandwidth, AV = ±2: 80MHz
s
Slew Rate: 500V/
µs
s
Low Cost
s
Output Current:
±50mA
s
Settling Time: 180ns to 0.1%
s
CMRR at 10MHz: > 40dB
s
Differential Gain Error: 0.2%
s
Differential Phase Error: 0.08
°
s
Single 5V Operation
s
Drives Cables Directly
s
Output Shutdown
The LT
®1193 is a video difference amplifier optimized for
operation on
±5V and a single 5V supply. This versatile
amplifier features uncommitted high input impedance (+)
and (–) inputs, and can be used in differential or single-
ended configurations. Additionally, a second set of inputs
give gain adjustment and DC control to the differential
amplifier.
The LT1193’s high slew rate, 500V/
µs, wide bandwidth,
80MHz, and
±50mA output current make it ideal for
driving cables directly. The shutdown feature reduces the
power dissipation to a mere 15mW and allows multiple
amplifiers to drive the same cable.
The LT1193 is available in 8-pin PDIP and SO packages.
s
Line Receivers
s
Video Signal Processing
s
Cable Drivers
s
Oscillators
s
Tape and Disc Drive Systems
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT1193 • TA01
75
CABLE
VDC
5V
7
6
LT1193
–5V
4
+
+
3
1
75
2
8
300
300
VOUT
VIN
Cable Sense Amplifier for Loop Through Connections with DC Adjust


Similar Part No. - LT1193_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193C LINER-LT1193C Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CJ8 LINER-LT1193CJ8 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CJ8 LINER-LT1193CJ8 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1193CN8 LINER-LT1193CN8 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CN8 LINER-LT1193CN8 Datasheet
433Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1193_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com