Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1193 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1193
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193 Datasheet(HTML) 5 Page - Linear Technology

  LT1193_15 Datasheet HTML 1Page - Linear Technology LT1193_15 Datasheet HTML 2Page - Linear Technology LT1193_15 Datasheet HTML 3Page - Linear Technology LT1193_15 Datasheet HTML 4Page - Linear Technology LT1193_15 Datasheet HTML 5Page - Linear Technology LT1193_15 Datasheet HTML 6Page - Linear Technology LT1193_15 Datasheet HTML 7Page - Linear Technology LT1193_15 Datasheet HTML 8Page - Linear Technology LT1193_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1193
1193fb
TEMPERATURE (
°C)
–50
1.0
1.5
2.5
3.0
4.0
4.5
5.0
0
25
75
125
LT1193 • TPC07
3.5
2.0
–25
50
100
VS = ±5V
VSHDN = –VEE + 0.2V
VSHDN = –VEE + 0.4V
VSHDN = –VEE
FREQUENCY (Hz)
150
300
350
400
10
1k
10k
100k
LT1193 • TPC04
0
100
250
200
50
VS = ±5V
TA = 25°C
RS = 0Ω
100
TEMPERATURE (
°C)
–50
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
25
75
125
LT1193 • TPC02
–25
50
100
+IB
–IB
VS = ±5V
IOS
FREQUENCY (Hz)
20
60
80
10
1k
10k
100k
LT1193 • TPC05
0
100
40
VS = ±5V
TA = 25°C
RS = 100k
±V SUPPLY VOLTAGE (V)
0
–10
–6
–2
0
4
6
10
48
10
LT1193 • TPC03
8
2
–4
–8
26
–55
°C
25
°C
125
°C
–55
°C
25
°C
+V COMMON MODE
–V COMMON MODE
125
°C
TEMPERATURE (
°C)
–50
–2
–1
0
1
2
3
–25
0
50
75
LT1193 • TPC08
25
100
125
RL = 100Ω
RL = 1k
VS = ±5V
COMMON MODE VOLTAGE (V)
–4
–2
–1
0
1
2
3
4
–2
0
2
4
LT1193 • TPC01
–3
–1
1
3
125
°C
–55
°C
25
°C
VS = ±5V
0
5k
10k
15k
20k
TEMPERATURE (
°C)
–50
0
50
100
125
LT1193 • TPC09
–25
25
75
RL = 1k
RL = 100Ω
VS = ±5V
VO = ±3V
±SUPPLY VOLTAGE (V)
0
0
20
30
40
50
246
10
LT1193 • TPC06
8
–55
°C
25
°C
125
°C
10
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Common Mode Voltage
vs Supply Voltage
Equivalent Input Noise Voltage
vs Frequency
Supply Current vs Supply Voltage
Equivalent Input Noise Current
vs Frequency
Shutdown Supply Current
vs Temperature
Open-Loop Gain vs Temperature
Gain Error vs Temperature


Similar Part No. - LT1193_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193C LINER-LT1193C Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CJ8 LINER-LT1193CJ8 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CJ8 LINER-LT1193CJ8 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1193CN8 LINER-LT1193CN8 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CN8 LINER-LT1193CN8 Datasheet
433Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1193_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com