Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1194 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1194
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1194_15 Datasheet HTML 2Page - Linear Technology LT1194_15 Datasheet HTML 3Page - Linear Technology LT1194_15 Datasheet HTML 4Page - Linear Technology LT1194_15 Datasheet HTML 5Page - Linear Technology LT1194_15 Datasheet HTML 6Page - Linear Technology LT1194_15 Datasheet HTML 7Page - Linear Technology LT1194_15 Datasheet HTML 8Page - Linear Technology LT1194_15 Datasheet HTML 9Page - Linear Technology LT1194_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1194
TYPICAL PERFOR A CE CHARACTERISTICS
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency (Output Referred)
Output Short-Circuit Current
vs Temperature
Output Voltage Limiting
vs Supply Voltage
Output Voltage
vs Voltage On Control Pins
Voltage Gain
vs Frequency with Control Voltage
Output Voltage Swing
vs Load Resistance
Slew Rate vs Temperature
Power Supply Rejection Ratio
vs Frequency (Output Referred)
FREQUENCY (Hz)
1
10
100
1k
100k
1M
100M
LT1194 • TPC10
0.1
10k
10M
VS = ±5V
TA = 25°C
FREQUENCY (Hz)
100k
10
30
40
50
60
1M
10M
100M
LT1194 • TPC11
20
VS = ±5V
TA = 25°C
RL = 1k
FREQUENCY (Hz)
20
40
60
1k
100k
1M
100M
LT1194 • TPC12
–20
10k
10M
VS = ±5V
TA = 25°C
VRIPPLE = ±300mV
0
TEMPERATURE (
°C)
–50
70
90
100
0
25
75
125
LT1194 • TPC13
–25
50
100
VS = ±5V
80
±SUPPLY VOLTAGE (V)
0
–6
–4
–2
0
2
4
6
24
6
10
LT1194 • TPC14
8
TA = 125°C
TA = 25°C
TA = – 50°C
TA = 125°C
+OUTPUT SWING
–OUTPUT SWING
BAL/VC PINS 1, 8
FLOATING
TA = 25°C
TA = –50°C
VOLTAGE ON CONTROL PINS (V)
–6
–6
–4
–2
0
2
4
6
–5
–4
–3
0
LT1194 • TPC15
–2
–1
VS = –5V
TA = 25°C
RL = 1k
+LIMITING
–LIMITING
FREQUENCY (Hz)
–10
10
30
LT1194 • TPC16
–30
VS = ±5V
TA = 25°C
RL = 1k
100k
1M
100M
1G
10M
–90
–70
–50
VC = –5V
VC = –3V
VC = –1V
VC = 1V
LOAD RESISTANCE (
Ω)
10
–5
–3
1
5
100
1000
LT1194 • TPC17
VS = ±5V
3
–1
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (
°C)
–50
300
500
700
800
–25
125
LT1194 • TPC18
0
25
50
75
100
900
600
400
+SLEW RATE
–SLEW RATE
VS = ±5V
RL = 1k
VO = ±2V


Similar Part No. - LT1194_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1194C LINER-LT1194C Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194CJ8 LINER-LT1194CJ8 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194CJ8 LINER-LT1194CJ8 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1194CN8 LINER-LT1194CN8 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194CN8 LINER-LT1194CN8 Datasheet
246Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1194_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com