Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1671 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1671_15 Datasheet HTML 4Page - Linear Technology LT1671_15 Datasheet HTML 5Page - Linear Technology LT1671_15 Datasheet HTML 6Page - Linear Technology LT1671_15 Datasheet HTML 7Page - Linear Technology LT1671_15 Datasheet HTML 8Page - Linear Technology LT1671_15 Datasheet HTML 9Page - Linear Technology LT1671_15 Datasheet HTML 10Page - Linear Technology LT1671_15 Datasheet HTML 11Page - Linear Technology LT1671_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1671
APPLICATIONS INFORMATION
circuit is the lack of feedthrough from the generator to the
comparator input. This prevents overshoot on the com-
parator input, which would give a false fast reading on
comparator response time.
To adjust the circuit for exactly 5mV overdrive, V1 is
adjusted so that the LT1671 output under test settles to
1.4V (in the linear region). Then V1 is changed by – 1V to
set overdrive to 5mV.
High Speed Design Techniques
A substantial amount of design effort has made the LT1671
relatively easy to use. It is much less prone to oscillation
than some slower comparators, even with slow input
signals. However, as with any high speed comparator,
there are a number of problems which may arise because
of PC board layout and design. The most common prob-
lem involves power supply bypassing. Bypassing is nec-
essary to maintain low supply impedance. DC resistance
and inductance in supply wires and PC traces can quickly
build up to unacceptable levels. This allows the supply line
to move with changing internal current levels of the
connected devices. This will almost always result in
improper operation. In addition, adjacent devices con-
nected through an unbypassed supply can interact with
each other through the finite supply impedances. Bypass
capacitors furnish a simple solution to this problem by
providing a local reservoir of energy at the device, keeping
supply impedances low.
Bypass capacitors should be as close as possible to the
LT1671. A good high frequency capacitor such as a 0.1
µF
ceramic is recommended, in parallel with a larger capaci-
tor such as a 4.7
µF tantalum.
Poor trace routes and high source impedances are also
common sources of problems. Be sure to keep trace
lengths as short as possible, and avoid running any output
trace adjacent to an input trace to prevent unnecessary
coupling. If output traces are longer than a few inches, be
sure to terminate them with a resistor to eliminate any
reflections that may occur. Resistor values are typically
250
Ω to 400Ω. Also, be sure to keep source impedances
as low as possible, preferably 1k
Ω or less.
About Level Shifts
The LT1671’s logic output will interface with many cir-
cuits directly. Many applications, however, require some
form of level shifting of the output swing. With LT1671-
based circuits this is not trivial because it is desirable to
maintain very low delay in the level shifting stage. When
designing level shifters, keep in mind that the TTL output
of the LT1671 is a sink-source pair (Figure 3) with good
ability to drive capacitance (such as feedforward capaci-
tors). Figure 4 shows a noninverting voltage gain stage
with a 15V output. When the LT1671 switches, the base-
emitter voltages at the 2N2369 reverse, causing it to
switch very quickly. The 2N3866 emitter-follower gives a
low impedance output and the Schottky diode aids cur-
rent sink capability.
+
LT1671
1671 F02
FET PROBE
FET PROBE
* TOTAL LEAD LENGTH INCLUDING DEVICE PIN.
SOCKET AND CAPACITOR LEADS SHOULD BE
LESS THAN 0.5 IN. USE GROUND PLANE
** (VOS + OVERDRIVE)/200
25
25
5V
0.01
µF*
0.01
µF
10k
50
V1**
2N3866
0V
–3V
–5V
–5V
50
PULSE
IN
750
400
0.1
µF
130
0V
–100mV
Q
Q
Figure 2. Response Time Test Circuit


Similar Part No. - LT1671_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671CMS8 LINER-LT1671CMS8 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671CS8 LINER-LT1671CS8 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671IS8 LINER-LT1671IS8 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
More results

Similar Description - LT1671_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671 LINER-LT1671 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1116 LINER-LT1116_06 Datasheet
142Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116_15 Datasheet
152Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116 Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
   SINGLE-SUPPLY COMPARATOR
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com