Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRC838U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC838U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC838U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC838U Datasheet HTML 1Page - KEC(Korea Electronics) KRC838U Datasheet HTML 2Page - KEC(Korea Electronics) KRC838U Datasheet HTML 3Page - KEC(Korea Electronics) KRC838U Datasheet HTML 4Page - KEC(Korea Electronics) KRC838U Datasheet HTML 5Page - KEC(Korea Electronics) KRC838U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002. 7. 10
2/6
KRC836U~KRC842U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC836U~842U
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC836U
GI
VO=5V, IO=5mA
33
-
-
KRC837U
VO=5V, IO=20mA
20
-
-
KRC838U
VO=5V, IO=10mA
33
-
-
KRC839U
VO=5V, IO=10mA
30
-
-
KRC840U
VO=5V, IO=10mA
24
-
-
KRC841U
VO=5V, IO=5mA
33
-
-
KRC842U
VO=5V, IO=5mA
62
-
-
Output Voltage
KRC836U
VO(ON)
IO=10mA, II=0.5mA
-
-
0.3
V
KRC837U
IO=10mA, II=0.5mA
-
0.1
0.3
KRC838U
IO=10mA, II=0.5mA
-
-
0.3
KRC839U
IO=10mA, II=0.5mA
-
0.1
0.3
KRC840U
IO=10mA, II=0.5mA
-
0.1
0.3
KRC841U
IO=10mA, II=0.5mA
-
0.1
0.3
KRC842U
IO=5mA, II=0.25mA
-
0.1
0.3
Input Voltage (ON)
KRC836U
VI(ON)
VO=0.3V, IO=20mA
-
0.98
3
V
KRC837U
VO=0.3V, IO=20mA
-
1.83
3
KRC838U
VO=0.3V, IO=20mA
-
1.22
3
KRC839U
VO=0.3V, IO=20mA
-
1.76
2.5
KRC840U
VO=0.3V, IO=2mA
-
2
3
KRC841U
VO=0.3V, IO=2mA
-
3.9
5
KRC842U
VO=0.3V, IO=1mA
-
1.64
3
Input Voltage (OFF)
KRC836U
VI(OFF)
VCC=5V, IO=100 A
0.3
0.63
-
V
KRC837U
0.5
1.15
-
KRC838U
0.3
0.67
-
KRC839U
0.3
0.82
-
KRC840U
0.8
1.68
-
KRC841U
1
3.09
-
KRC842U
0.5
1.17
-
Transition Frequency
KRC836U~842U
fT*
VO=10V, IO=5mA
-
250
-
MHz
Input Current
KRC836U
II
VI=5V
-
-
7.2
mA
KRC837U
-
-
3.8
KRC838U
-
-
3.8
KRC839U
-
-
1.8
KRC840U
-
-
0.88
KRC841U
-
-
0.16
KRC842U
-
-
0.15
Note : * Characteristic of Transistor Only.


Similar Part No. - KRC838U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC838E KEC-KRC838E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC838U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com