Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

KRC855E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

Part No. KRC855E
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KRC855E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
2002. 1. 24
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRC851E~KRC856E
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM
MILLIMETERS
A
A1
B1
C
TES6
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
6
4
P
P
P5
5
+_
+_
+_
+_
+_
+_
+_
1. Q COMMON (EMITTER)
4. Q COMMON (EMITTER)
3. Q OUT (COLLECTOR)
5. Q IN (BASE)
6. Q OUT (COLLECTOR)
1
2
2. Q IN (BASE)
1
1
2
2
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25 )
BIAS RESISTOR VALUES
R1
R2
COMMON
OUT
IN
MARK SPEC
Type Name
12
3
6
54
TYPE NO.
R1(k )
R2(k )
KRC851E
4.7
4.7
KRC852E
10
10
KRC853E
22
22
KRC854E
47
47
KRC855E
2.2
47
KRC856E
4.7
47
1
Q1
23
65
4
Q2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC851E 856E
VO
50
V
Input Voltage
KRC851E
VI
20, -10
V
KRC852E
30, -10
KRC853E
40, -10
KRC854E
40, -10
KRC855E
12, -5
KRC856E
20, -5
Output Current
KRC851E 856E
IO
100
mA
Power Dissipation
PD*
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
TYPE
KRC851E
KRC852E
KRC853E
KRC854E
KRC855E
KRC856E
MARK
NA
NB
NC
ND
NE
NF
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Rating.
Marking


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn