Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLH10UAH8720R7 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # TLH10UAH8720R7
Description  Leaded Common Mode Choke Coils for AC lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TLH10UAH8720R7 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  TLH10UAH8720R7 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS
Leaded Common Mode Choke Coils for AC lines
TLH10UAH8720R7
Features
Item Summary
0.7A, Leaded
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Bulk 500pcs
Products characteristics table
External Dimensions
24.5(max) × 28(max)mm
Inductance
8.7mH(0% to -)
Inductance Measuring Frequency
1kHz
DC Resistance (max)
Rated Current
0.7A
Resistance
100MΩ min.
RoHS Compliance
Yes
Soldering Method
Wave
External Dimensions
L
24.5mm max
W
28mm max
T
10mm max
2015.06.01
1 / 1


Similar Part No. - TLH10UAH8720R7

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TLH10UAH1230R5 TAIYO-YUDEN-TLH10UAH1230R5 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLH10UAH9920R6 TAIYO-YUDEN-TLH10UAH9920R6 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
More results

Similar Description - TLH10UAH8720R7

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB5621R4K1 TAIYO-YUDEN-TLF24HB5621R4K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLH10UB3521R0 TAIYO-YUDEN-TLH10UB3521R0 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF9UA102W0R8K1 TAIYO-YUDEN-TLF9UA102W0R8K1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF9UA502WR32K1 TAIYO-YUDEN-TLF9UA502WR32K1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF14CB2221R2K1 TAIYO-YUDEN-TLF14CB2221R2K1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF14CB4721R0K1 TAIYO-YUDEN-TLF14CB4721R0K1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF14CBH1030R7K1 TAIYO-YUDEN-TLF14CBH1030R7K1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF14CBH2221R2K1 TAIYO-YUDEN-TLF14CBH2221R2K1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLH10UA8720R7 TAIYO-YUDEN-TLH10UA8720R7 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLH10UB1421R4 TAIYO-YUDEN-TLH10UB1421R4 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
TLF9UA302WR42K1 TAIYO-YUDEN-TLF9UA302WR42K1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for AC lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com