Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN308 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN308
Description  TRIAC analog control circuits for inductive loads
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 Datasheet(HTML) 5 Page - STMicroelectronics

  AN308 Datasheet HTML 1Page - STMicroelectronics AN308 Datasheet HTML 2Page - STMicroelectronics AN308 Datasheet HTML 3Page - STMicroelectronics AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN308
Triggering methods
5/16
The second triggering pulse occurs at point C when
θ + α = 240°. It has no action on the
TRIAC which is still conducting. The TRIAC is not turned on for the next half-wave. As in the
previous case, the operation is totally asymmetrical, and thus unacceptable.
Figure 6.
Synchronization by the mains voltage - asymmetrical operation
θ < ϕ
To prevent this fault, it is necessary to limit the turn-on angle to maintain
θ > ϕ. This is
possible for loads whose L and R parameters remain strictly constant.
Experience shows that for the majority of inductive loads used in industrial applications (like
motor controls and transformers) the values of L and R are not constant and vary a great
deal during operation. For these types of applications it is not possible to limit the turn-on
angle without considerably reducing the voltage excursion.
To sum up, this simple triggering circuit, synchronized by the mains voltage, is more
developed than the previous one. It has the following charactersitics:
Advantages:
Simple design
More accurate control than the previous circuit
No auxiliary power supply or transformer required
Disadvantages:
Connection of the circuit by 3 marked wires, instead of 2 without polarity in the
previous circuits
Higher power dissipated in passive components P and Rt (since the mains voltage
is continuously applied across them)
Operation becomes completely asymmetrical if the control angle
θ is less than ϕ.
This triggering circuit can be used only for applications in which the phase shift of the load
remains constant (air inductor) or if operation is restricted to values of
θ much higher than ϕ,
that is, for low load voltage operations.
full angle
Mains voltage
Gate pulse
B
ϕ
T
T
T
α
θ
C
θ
TRIAC voltage
TRIAC current


Similar Part No. - AN308

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Panasonic Battery Group
AN30888A PANASONICBATTERY-AN30888A Datasheet
455Kb / 1P
   Standard LED Drivers
logo
Panasonic Semiconductor
AN30888B PANASONIC-AN30888B Datasheet
631Kb / 31P
   High Brightness LED Driver IC
logo
STMicroelectronics
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
More results

Similar Description - AN308

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
logo
Infineon Technologies A...
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS612N1 INFINEON-BTS612N1_13 Datasheet
423Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com