Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN394 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN394
Description  Within STMicroelectronics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN394 Datasheet(HTML) 3 Page - STMicroelectronics

  AN394 Datasheet HTML 1Page - STMicroelectronics AN394 Datasheet HTML 2Page - STMicroelectronics AN394 Datasheet HTML 3Page - STMicroelectronics AN394 Datasheet HTML 4Page - STMicroelectronics AN394 Datasheet HTML 5Page - STMicroelectronics AN394 Datasheet HTML 6Page - STMicroelectronics AN394 Datasheet HTML 7Page - STMicroelectronics AN394 Datasheet HTML 8Page - STMicroelectronics AN394 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
AN394 - APPLICATION NOTE
This problem can be avoided by inserting a current limiting resistor in the current sink path. Figure 4 shows
some possible locations for this resistor. However, the best location is between the Q output and the D/Q
bus for the following reasons:
– During the overlap time, only the D driver is providing useful information. The Q driver simply outputs a
constant zero. By placing the resistor in this position, the D driver overrides the Q driver at setting the
logic level on the D/Q bus, thereby allowing the last address bit to be presented on the D pin for the
specified hold time (tDVCH).
– The R resistor slows down the propagation time of the Q output signals on the D/Q bus, as discussed
later in this document. In this position, the resistor only slows down the transmission of the 16 bits of
data during a READ operation. If R were in series with the D driver, all operations would be slowed
down.
Figure 4. Possible Locations for the Current Limiting Resistor
The R resistor does not have any effect as long as Q is in its high impedance state. During the execution
of a READ instruction, R sinks some current from the D driver during the short overlap time. Then the D
driver is disabled and Q output takes control of the D/Q bus through the R resistor.
Because of the bus capacitance, C, the signals are distorted, as shown in Figure 5 (on the next page): the
rising and falling edges of the Q output are transformed into exponential curves whose shape depends on
the time constant RC.
Ai02421
EEPROM Device
D
Q
A0="1"
Recommended
Location
D Driver
Output
Buffer
VCC
R
R
R
Not Recommended
Locations
(If D driver is an
open collector type)


Similar Part No. - AN394

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN39 PANASONIC-AN39 Datasheet
83Kb / 9P
   Electronic volume IC for HiFi VCR
logo
QT Optoelectronics
AN39 QT-AN39 Datasheet
404Kb / 4P
   0.300-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
AN39 FAIRCHILD-AN39 Datasheet
658Kb / 9P
   0.300-INCH SEVEN SEGMENT DISPLAYS
logo
STMicroelectronics
AN390 STMICROELECTRONICS-AN390 Datasheet
397Kb / 17P
   AVS kit guidelines
logo
Panasonic Semiconductor
AN3900NSC PANASONIC-AN3900NSC Datasheet
290Kb / 5P
   Stereo Audio PLL IC for 8-mm Video Camera
More results

Similar Description - AN394

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
511-LISY300AL STMICROELECTRONICS-511-LISY300AL Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
TN0891 STMICROELECTRONICS-TN0891 Datasheet
162Kb / 3P
   STMicroelectronics embeds EK certificates
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
   STMicroelectronics has been strongly
AN2504 STMICROELECTRONICS-AN2504 Datasheet
130Kb / 14P
   Using STMicroelectronics Voltage Detectors
TA0313 STMICROELECTRONICS-TA0313 Datasheet
212Kb / 9P
   STMicroelectronics Solutions for ADSL Line Interfaces
SPC5-UDESTK STMICROELECTRONICS-SPC5-UDESTK Datasheet
88Kb / 4P
   Support service provided through STMicroelectronics
AN4085 STMICROELECTRONICS-AN4085 Datasheet
793Kb / 16P
   STMicroelectronics has developed micro battery products
AN4351 STMICROELECTRONICS-AN4351 Datasheet
219Kb / 10P
   STMicroelectronics has developed micro battery products
logo
Huber+Suhner, Inc.
32_716-50-0-2-133_W HUBERSUHNER-32_716-50-0-2-133_W Datasheet
794Kb / 1P
   Within Series Adaptor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com