Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN977 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN977 Datasheet HTML 2Page - STMicroelectronics AN977 Datasheet HTML 3Page - STMicroelectronics AN977 Datasheet HTML 4Page - STMicroelectronics AN977 Datasheet HTML 5Page - STMicroelectronics AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics AN977 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
1.5 RESET AND CLOCK CONTROL UNIT (RCCU)
1.5.1 Oscillator
A new low power oscillator is implemented with the following target specifications:
– Max. 200 µamp. consumption in Running mode,
– 0 amp. in Halt mode,
1.5.2 PLL
One bit (bit7 FREEN) has been added to the PLLCONF register (R246, page 55), this is to en-
able Free Running mode. The reset value for this register is 0x07. When the FREEN bit is
reset, it has the same behaviour as in the ST92F120, meaning that the PLL is turned off when:
– entering stop mode,
– DX(2:0) = 111 in the PLLCONF register,
– entering low power modes (Wait For Interrupt or Low Power Wait for Interrupt) following the
WFI instruction.
When the FREEN bit is set and any of the conditions listed above occur, the PLL enters Free
Running mode, and oscillates at a low frequency which is typically about 50 kHz.
In addition, when the PLL provides the internal clock, if the clock signal disappears (for in-
stance due to a broken or disconnected resonator...), a safety clock signal is automatically
provided, allowing the ST9 to perform some rescue operations.
The frequency of this clock signal depends on the DX[0..2] bits of the PLLCONF register
(R246, page55).
Refer to the ST92F124/F150/F250 datasheet for more details.
Figure 1. ST92F120 Internal Oscillator
Figure 2. ST92F124/F150/F250 Internal Oscillator
VR02086A
REF
CLOCK
INPUT
BUFFER
OSCIN
OSCOUT
HALT
OSCOUT
RPOL
VDD
ILOAD
OSCIN
CLOCK1


Similar Part No. - AN977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN97 MAXIM-AN97 Datasheet
465Kb / 5P
   Telephone Tone Generator Requires No trimming
Jul 09, 1998
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
AN971 STMICROELECTRONICS-AN971 Datasheet
74Kb / 7P
   The goal of this application note is to present an practical example
AN974 STMICROELECTRONICS-AN974 Datasheet
72Kb / 6P
   Real time clock with ST7 Timer Output Compare
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
   As part of a process of continuous improvement
More results

Similar Description - AN977

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1474 STMICROELECTRONICS-AN1474 Datasheet
51Kb / 10P
   ST92F150 AND ST92F120 PROBLEM RESOLUTION GUIDELINES
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
   Demonstration board user guidelines for the
logo
PHOENIX CONTACT
104155 PHOENIX-104155 Datasheet
114Kb / 3P
   Installation guidelines for the product groups
logo
Exar Corporation
DAN-173 EXAR-DAN-173 Datasheet
42Kb / 3P
   UPGRADING FROM XR88C681 TO XR88C92/192
logo
PHOENIX CONTACT
2903171 PHOENIX-2903171 Datasheet
114Kb / 3P
   Installation guidelines for the product groups
logo
Exar Corporation
DAN-174 EXAR-DAN-174 Datasheet
42Kb / 3P
   UPGRADING FROM XR68C681 TO XR68C92/192
logo
STMicroelectronics
AN2862 STMICROELECTRONICS-AN2862 Datasheet
164Kb / 7P
   Demonstration board user guidelines for the TS2007FC
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
   PCB design guidelines for the STM32W108 platform
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
   PCB design guidelines for the SPIRIT1 transceiver
AN2197 STMICROELECTRONICS-AN2197 Datasheet
92Kb / 13P
   Guidelines for migrating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com