Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1042 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1042
Description  ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1042 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1042 Datasheet HTML 1Page - STMicroelectronics AN1042 Datasheet HTML 2Page - STMicroelectronics AN1042 Datasheet HTML 3Page - STMicroelectronics AN1042 Datasheet HTML 4Page - STMicroelectronics AN1042 Datasheet HTML 5Page - STMicroelectronics AN1042 Datasheet HTML 6Page - STMicroelectronics AN1042 Datasheet HTML 7Page - STMicroelectronics AN1042 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AN1042/0803
1/8
AN1042
APPLICATION NOTE
ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
by Microcontroller Division Application Team
INTRODUCTION
The goal of this application note is to present a useful example of communication using the
I2C peripheral of the ST7. The ST7 microcontroller is used as a slave and can communicate
with any master. This slave, through the I2C interface, receives data bytes from the master im-
plementing error management and returns them. This application has been realized with a
ST72264,7-bit, general call and 10-bit addressing mode.
1 ST7 I2C INTERFACE
The ST7 I2C peripheral allows multi master and slave communication with bus error manage-
ment. In this application, only the single slave mode is used (with error management).
The I2C synchronous communication needs only two signals: SCL (Serial clock line) and SDA
(Serial data line). The corresponding port pins have to be configured as floating inputs (here
PA4 and PA6).
Please refer to the ST7 datasheet for more details.
1.1 COMMUNICATION SPEED
The ST7 I2C peripheral allows to communicate at different speeds. It is able to work in
standard and fast I2C modes up to 400kHz.
It’s the master which imposes the communication speed. For more details, please refer to the
AN971.
1.2 START, STOP CONDITION AND ACKNOWLEDGE GENERATION
The Start and Stop conditions are sent by the master.
An Acknowledge is sent after an address or a data byte is received when the ACK bit is set in
the Control register (CR).
1


Similar Part No. - AN1042

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1042 ONSEMI-AN1042 Datasheet
96Kb / 12P
   High Fidelity Switching Audio Amplifiers Using TMOS Power MOSFETs
August, 2002 ??Rev. 3
AN1042D ONSEMI-AN1042D Datasheet
96Kb / 12P
   High Fidelity Switching Audio Amplifiers Using TMOS Power MOSFETs
August, 2002 ??Rev. 3
More results

Similar Description - AN1042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1713 STMICROELECTRONICS-AN1713 Datasheet
48Kb / 4P
   SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
AN2038 STMICROELECTRONICS-AN2038 Datasheet
295Kb / 23P
   I2C emulation with ST7MC in slave mode
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
   Dual I2C Slave Bridge
logo
Future Technology Devic...
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
   USB I2C SLAVE IC
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
   Control Interface: I2C slave only
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
logo
STMicroelectronics
AN1445 STMICROELECTRONICS-AN1445 Datasheet
71Kb / 7P
   USING THE ST7 SPI TO EMULATE A 16-BIT SLAVE
logo
Linear Technology
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com