Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTD114ELT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LDTD114ELT1G
Description  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTD114ELT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LDTD114ELT1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTD114ELT1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTD114ELT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
CA
10
10
3000/Tape & Reel
LESHAN RADIO COMPANY, LTD.
10000/Tape & Reel
We declare that the material of product compliance with
RoHS requirements.
LDTD114ELT1G
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation,
making the device design easy.
Inverter, Interface, Driver
Features
Applications
LDTD114ELT1G
LDTD114ELT3G
CA
10
10
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
3
COLLECTOR
2
EMITTER
1
BASE
R1
R2
Parameter
Symbol
VCC
50
−10 to +40
500
200
150
−55 to +150
V
VIN
V
mA
mW
IC
PD
Tj
Tstg
Unit
Limits
C
C
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
3
7
56
0.8
0.1
10
1
200
0.5
0.3
0.88
0.5
13
1.2
V
VCC= 5V, IO= 100
µA
VO= 0.3V, IO= 10mA
IO/II= 50mA/2.5mA
VI= 5V
VCC= 50V, VI=0V
VO= 5V, IO= 50mA
VCE=10V, IE=
−50mA, f=100MHz
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
Characteristics of built-in transistor
1
2
3
SOT-23
Rev.O 1/3
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-LDTD114ELT1G
S-LDTD114ELT1G
S-LDTD114ELT3G


Similar Part No. - LDTD114ELT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTD114ELT1G LRC-LDTD114ELT1G Datasheet
95Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - LDTD114ELT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com