Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1334 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1334_15 Datasheet HTML 4Page - Linear Technology LTC1334_15 Datasheet HTML 5Page - Linear Technology LTC1334_15 Datasheet HTML 6Page - Linear Technology LTC1334_15 Datasheet HTML 7Page - Linear Technology LTC1334_15 Datasheet HTML 8Page - Linear Technology LTC1334_15 Datasheet HTML 9Page - Linear Technology LTC1334_15 Datasheet HTML 10Page - Linear Technology LTC1334_15 Datasheet HTML 11Page - Linear Technology LTC1334_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1334
BLOCK DIAGRA SM
Interface Configuration with Loopback Disabled
Interface Configuration with Loopback Enabled
PORT 1 = RS232 MODE
PORT 2 = RS232 MODE
LB
20
21
14
RB1
C2
C1
RA1
DZ1
DY1
B1
A1
VDD
VCC
SEL1 = 0V
27
28
1
4
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
5
25
DY2
DZ2
RA2
RB2
DY2
DZ2
RA2
RB2
Y2
Z2
SEL2 = 0V
12
13
10
9
18
17
16
B2
A2
GND
11
19
LTC1334 • BD01
VDD
VDD
VDD
PORT 1 = RS485 MODE
PORT 2 = RS232 MODE
LB
20
21
14
RB1
C2
C1
RA1
DE1
DY1
B1
A1
VCC
SEL1 = 5V
27
28
1
4
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
5
25
Y2
Z2
SEL2 = 0V
12
13
10
9
18
17
16
B2
A2
GND
11
19
PORT 1 = RS232 MODE
PORT 2 = RS485 MODE
LB
20
21
14
RB1
C2
C1
RA1
DZ1
DY1
B1
A1
VCC
SEL1 = 0V
27
28
1
4
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
5
25
DY2
DE2
RA2
RB2
Y2
Z2
SEL2 = 5V
12
13
10
9
18
17
16
B2
A2
GND
11
19
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
LB
20
21
14
RB1
C2
C1
RA1
DE1
DY1
B1
A1
VCC
SEL1 = 5V
27
28
1
4
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
5
25
DY2
DE2
RA2
RB2
Y2
Z2
SEL2 = 5V
12
13
10
9
18
17
16
B2
A2
GND
11
19
PORT 1 = RS232 MODE
PORT 2 = RS232 MODE
20
21
14
RB1
C2
C1
RA1
DZ1
DY1
VDD
VCC
SEL1 = 0V
27
28
1
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
25
DY2
DZ2
RA2
RB2
DY2
DZ2
RA2
RB2
Y2
Z2
SEL2 = 0V
10
9
18
17
16
GND
11
19
LTC1334 • BD02
VDD
VDD
VDD
PORT 1 = RS485 MODE
PORT 2 = RS232 MODE
20
21
14
RB1
C2
C1
RA1
DE1
DY1
VCC
SEL1 = 5V
27
28
1
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
25
Y2
Z2
SEL2 = 0V
10
9
18
17
16
GND
11
19
PORT 1 = RS232 MODE
PORT 2 = RS485 MODE
20
21
14
RB1
C2
C1
RA1
DZ1
DY1
VCC
SEL1 = 0V
27
28
1
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
25
DY2
DE2
RA2
RB2
Y2
Z2
SEL2 = 5V
10
9
18
17
16
GND
11
19
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
20
21
14
RB1
C2
C1
RA1
DE1
DY1
VCC
SEL1 = 5V
27
28
1
2
3
6
7
8
26
24
23
22
ON
VEE
15
Y1
Z1
25
DY2
DE2
RA2
RB2
Y2
Z2
SEL2 = 5V
10
9
18
17
16
GND
11
19
LB
LB
LB
LB


Similar Part No. - LTC1334_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334CG LINER-LTC1334CG Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334CNW LINER-LTC1334CNW Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334CSW LINER-LTC1334CSW Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334IG LINER-LTC1334IG Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1334_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com