Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1334 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1334_15 Datasheet HTML 6Page - Linear Technology LTC1334_15 Datasheet HTML 7Page - Linear Technology LTC1334_15 Datasheet HTML 8Page - Linear Technology LTC1334_15 Datasheet HTML 9Page - Linear Technology LTC1334_15 Datasheet HTML 10Page - Linear Technology LTC1334_15 Datasheet HTML 11Page - Linear Technology LTC1334_15 Datasheet HTML 12Page - Linear Technology LTC1334_15 Datasheet HTML 13Page - Linear Technology LTC1334_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1334
SWITCHI G WAVEFOR S
1.5V
3V
0V
DE
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
Y, Z
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1334 • F07
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
Z, Y
0V
VOD2
B – A
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
R
VOL
VOH
LTC1334 • F08
tPLH
tPHL
INPUT
–VOD2
OUTPUT
0V
1.5V
3V
D
Y, Z
–VO
VO
LTC1334 • F09
tPHL
tPLH
0V
0V
0V
1.5V
1.5V
VIH
A, B
R
VOL
VOH
LTC1334 • F10
tPHL
tPLH
VIL
2.4V
0.8V
1.3V
1.7V
Figure 7. RS485 Driver Enable and Disable Times
Figure 8. RS485 Receiver Propagation Delays
Figure 10. RS232 Receiver Propagation Delays
Figure 9. RS232 Driver Propagation Delays


Similar Part No. - LTC1334_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334CG LINER-LTC1334CG Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334CNW LINER-LTC1334CNW Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334CSW LINER-LTC1334CSW Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334IG LINER-LTC1334IG Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1334_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com