Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1346A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1346A
Description  10Mbps DCE/DTE V.35 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346A Datasheet(HTML) 1 Page - Linear Technology

  LTC1346A Datasheet HTML 1Page - Linear Technology LTC1346A Datasheet HTML 2Page - Linear Technology LTC1346A Datasheet HTML 3Page - Linear Technology LTC1346A Datasheet HTML 4Page - Linear Technology LTC1346A Datasheet HTML 5Page - Linear Technology LTC1346A Datasheet HTML 6Page - Linear Technology LTC1346A Datasheet HTML 7Page - Linear Technology LTC1346A Datasheet HTML 8Page - Linear Technology LTC1346A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1346A
1346afa
10Mbps DCE/DTE
V.35 Transceiver
Single Chip Provides Complete Differential Signal
Interface for V.35 Port
Drivers and Receivers Will Withstand Repeated
±10kV ESD Pulses
Operates from ±5V Supplies
10Mbaud Transmission Rate
Meets CCITT V.35 Specification
Shutdown Mode Reduces ICC to Below 1µA
Selectable Transmitter and Receiver Configurations
Independent Driver/Receiver Enables
Transmitter Maintains High Impedance When
Disabled, Shut Down or with Power Off
Transmitters Are Short-Circuit Protected
The LTC
®1346A is a single chip transceiver that provides
the differential clock and data signals for a V.35 interface
from ±5V supplies. Combined with an external resistor
termination network and an LT
®1134A RS232 transceiver
for the control signals, the LTC1346A forms a complete low
power DTE or DCE V.35 interface port.
The LTC1346A features three current output differential
transmitters and three differential receivers. The transceiver
can be configured for DTE or DCE operation or shutdown
using three Select pins. In the Shutdown mode, the supply
current is reduced to below 1µA.
The LTC1346A transceiver operates up to 10Mbaud. All
transmitters feature short-circuit protection. Both the
transmitter outputs and the receiver outputs can be forced
into a high impedance state. The transmitter outputs and
receiver inputs feature ±10kV ESD protection.
Modems
Telecommunications
Data Routers
VCC1
5V
2
1
4
1
2
24
23
12
DTE
DCE
10
11
16
15
0.1
mF
LTC1346A
LTC1346A
BI
627T500/1250
BI
627T500/1250
BI TECHNOLOGIES
627T500/1250 (SOIC)
VCC2
5V
0.1
mF
2
T
TXD (103)
SCTE (113)
TXC (114)
RXC (115)
RXD (104)
GND (102)
T
5
3
4
22
21
10
11
9
14
13
DX
RX
T
T
9
14
13
18
17
1
4
2
24
23
T
T
10
12
11
16
15
12
7
8
3
5
4
22
21
T
T
7
8
11
8
7
10
9
14
13
3
5
6
8
7
VCC2
VCC1
6
20
19
3
T
T
RX
RX
RX
12
LTC1346 • TA01
DX
DX
DX
50
W
=
125
W
T
50
W
+
VEE2
–5V
0.1
mF
1
VEE1
–5V
0.1
mF
+
DX
RX
Clock and Data Signals for V.35 Interface
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1346A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AC LINER-LTC1346AC Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346ACSW LINER-LTC1346ACSW Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AI LINER-LTC1346AI Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AISW LINER-LTC1346AISW Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
More results

Similar Description - LTC1346A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
   Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Linear Technology
LTC1318 LINER-LTC1318_15 Datasheet
281Kb / 8P
   DCE Transceiver
logo
Sipex Corporation
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
   Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com