Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1690 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1690
Description  Differential Driver and Receiver Pair with Fail-Safe Receiver Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1690 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1690_15 Datasheet HTML 4Page - Linear Technology LTC1690_15 Datasheet HTML 5Page - Linear Technology LTC1690_15 Datasheet HTML 6Page - Linear Technology LTC1690_15 Datasheet HTML 7Page - Linear Technology LTC1690_15 Datasheet HTML 8Page - Linear Technology LTC1690_15 Datasheet HTML 9Page - Linear Technology LTC1690_15 Datasheet HTML 10Page - Linear Technology LTC1690_15 Datasheet HTML 11Page - Linear Technology LTC1690_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1690
3
1
5
6
D
120
2
1
8
7
R
DRIVER
LTC1690
5V
LTC1690
RECEIVER
120
SHIELD
2
4
7
8
R
3
4
6
5
D
RECEIVER
DRIVER
1690 F06
SHIELD
0.01
µF
5V
0.01
µF
Figure 6. Typical Application
APPLICATIONS INFORMATION
A typical application is shown in Figure 6. Two twisted pair
wires connect two driver/receiver pairs for full duplex data
transmission. Note that the driver and receiver outputs are
always enabled. If the outputs must be disabled, use the
LTC491. There are no restrictions on where the chips are
connected, and it isn’t necessary to have the chips con-
nected to the ends of the wire. However, the wires must be
terminated at the ends with a resistor equal to their
characteristic impedance, typically 120
Ω. Because only
one driver can be connected on the bus, the cable need
only be terminated at the receiving end. The optional
shields around the twisted pair are connected to GND at
one end and help reduce unwanted noise.
The LTC1690 can be used as a line repeater as shown in
Figure 7. If the cable is longer that 4000 feet, the LTC1690
is inserted in the middle of the cable with the receiver
output connected back to the driver input.
Receiver Fail-Safe
Some encoding schemes require that the output of the
receiver maintains a known state (usually a logic 1) when
data transmission ends and all drivers on the line are
forced into three-state. The receiver of the LTC1690 has a
fail-safe feature which guarantees the output to be in a
logic 1 state when the receiver inputs are left floating or
shorted together. This is achieved without external com-
ponents by designing the trip-point of the LTC1690 to be
within – 200mV to –10mV. If the receiver output must be
a logic 0 instead of a logic 1, external components are
required.
The LTC1690 fail-safe receiver is designed to reject fast
–7V to 12V common mode steps at its inputs. The slew
rate that the receiver will reject is typically 400V/
µs, but
–7V to 12V steps in 10ns can be tolerated if the frequency
of the common mode step is moderate (<600kHz).
Driver-Receiver Crosstalk
The driver outputs generate fast rise and fall times. If the
LTC1690 receiver inputs are not terminated and floating,
switching noise from the LTC1690 driver can couple into
the receiver inputs and cause the receiver output to glitch.
This can be prevented by ensuring that the receiver inputs
are terminated with a 100
Ω or 120Ω resistor, depending
on the type of cable used. A cable capacitance that is
greater than 10pF (
≈1ft of cable) also prevents glitches if
no termination is present. The receiver inputs should not
be driven typically above 8MHz to prevent glitches.


Similar Part No. - LTC1690_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1690C LINER-LTC1690C Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690CMS8 LINER-LTC1690CMS8 Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690CN8 LINER-LTC1690CN8 Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690CS8 LINER-LTC1690CS8 Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1690I LINER-LTC1690I Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
More results

Similar Description - LTC1690_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
   Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com