Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1273 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1273
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1273 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1273 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1273 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1996. 9. 14
2/2
KTA1273
Revision No : 1
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
-0.01
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
CE
I
- V
C
CE
COLLECTOR EMITTER VOLTAGE V
(V)
-0.03
-0.3 -0.5
CE
-1
-3
AREA OF SAFE OPERATION
BASE-EMITTER VOLTAGE V
(V)
0
0
BE
I
- V
CBE
-2
-4
-6
-8
-10
-12
-14
-16
-200
-400
-600
-800
-1000
-1200
-1400
-1600
COMMON
EMITTER
Ta=25 C
-10
-8
-6
-4
-3
-2
I =-1mA
0
B
CE(sat)
C
-100
-300
-1k
-3k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
COMMON
EMITTER
I /I =50
CB
Ta=100 C
Ta=25 C
Ta=-25 C
20
40
60
80
100 120 140 160 180
0.2
0.4
0.6
0.8
1.0
1.2
FE
C
-100
-300
-1k
-3k
10
30
50
100
300
500
1k
Ta=100 C
Ta=-25 C
Ta=25 C
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.6
-1.8
-200
-400
-600
-800
-1000
-1200
-1400
-1600
COMMON
EMITTER
V
=-2V
CE
-5
-10
-30 -50
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX(PULSED)
I
MAX(CONTINUOUS)
C
C
*
10m
S
100mS
DC
OPE
RAT
ION
Ta=
25
C
*
*
*
*
V
=-2V
CE


Similar Part No. - KTA1273

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
KTA1273 HTSEMI-KTA1273 Datasheet
304Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1273 WINNERJOIN-KTA1273 Datasheet
123Kb / 1P
   TRANSISTOR (PNP)
logo
KEC(Korea Electronics)
KTA1273 KEC-KTA1273 Datasheet
83Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA1273 BILIN-KTA1273 Datasheet
232Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
KTA1273 FOSHAN-KTA1273 Datasheet
948Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
More results

Similar Description - KTA1273

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com