Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR25UBEXP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR25UBEXP
Description  25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR25UBEXP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR25UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR25UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR25UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit Weight (lbs.)
163
Unit Weight (kg)
73.94
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1360.78
Weight Capacity - Rolling (kg)
1020.58
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
UL60950; RoHS; CE
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA/ECA-310-E
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SR25UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
   25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR25UBAC TRIPPLITE-SR25UBAC Datasheet
41Kb / 3P
   SmartRack 25U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
   25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR25UBSD3 TRIPPLITE-SR25UBSD3 Datasheet
176Kb / 4P
   25U SmartRack Shallow-Depth Half-Height Rack Enclosure, Doors, Side Panels, Heavy-Duty Casters
SR25UBSP TRIPPLITE-SR25UBSP Datasheet
500Kb / 3P
   25U SmartRack Stand-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
More results

Similar Description - SR25UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
   45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
   42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
   42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
   42U SmartRack Mid-Depth Expansion Rack - side panels not included
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
   25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR25UBSP1 TRIPPLITE-SR25UBSP1 Datasheet
176Kb / 4P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
   25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR25UBSP TRIPPLITE-SR25UBSP Datasheet
500Kb / 3P
   25U SmartRack Stand-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com