Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42UBEXP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR42UBEXP
Description  42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBEXP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR42UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit Weight (kg)
92
Unit Dimensions (cm)
199.39 x 60.02 x 109.22
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1360.8
Weight Capacity - Rolling (kg)
1020.6
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
UL60950; RoHS; CE
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA/ECA-310-E
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SR42UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBEXPND TRIPPLITE-SR42UBEXPND Datasheet
163Kb / 3P
   SmartRack 42U Standard-Depth 4-Post Premium Open Frame Rack
SR42UBEXPNDNR3 TRIPPLITE-SR42UBEXPNDNR3 Datasheet
486Kb / 3P
   42U SmartRack 4-Post Premium Open Frame Rack - no sides, doors or roof
More results

Similar Description - SR42UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRX42UBEXP TRIPPLITE-SRX42UBEXP Datasheet
173Kb / 3P
   42U Server Rack, Euro-Series - Expandable Cabinet, Standard Depth, Side Panels Not Included
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
   42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
   45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SRX42UB TRIPPLITE-SRX42UB Datasheet
165Kb / 3P
   42U Server Rack, Euro-Series ??Expandable Cabinet, Standard Depth, Doors & Side Panels Included
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SRX47UBEXP TRIPPLITE-SRX47UBEXP Datasheet
172Kb / 3P
   47U Server Rack, Euro-Series - Expandable Cabinet, Standard Depth, Side Panels Not Included
SRX42UBDPEXP TRIPPLITE-SRX42UBDPEXP Datasheet
171Kb / 3P
   42U Deep Server Rack, Euro-Series - 1200 mm Depth, Expandable Cabinet, Side Panels Not Included
SR25UBEXP TRIPPLITE-SR25UBEXP Datasheet
497Kb / 3P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
   42U SmartRack Mid-Depth Expansion Rack - side panels not included
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com