Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42UBWDSP1 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR42UBWDSP1
Description  42U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBWDSP1 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR42UBWDSP1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBWDSP1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBWDSP1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR42UBWDSP1 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Installed Whole System Minimum
Rack Depth (in.)
4
Installed Whole System Minimum
Rack Depth (cm)
10.16
Rack Height (U Spaces)
42
Shipping Dimensions (hwd / in.)
85 x 32 x 45
Shipping Dimensions (hwd / cm)
215.9 x 81.28 x 114.3
Shipping Weight (lbs.)
404
Shipping Weight (kg)
183
Unit Dimensions (hwd / in.)
78.5 x 29.53 x 43
Unit Dimensions (hwd / cm)
199.39 x 75.01 x 109.22
Unit Weight (lbs.)
223
Unit Weight (kg)
101
Unit Dimensions (cm)
199.39 x 75.1 x 109.22
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1360.78
Weight Capacity - Rolling (kg)
1020.58
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and rear door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
UL60950; RoHS; CE
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA/ECA-310-E
WARRANTY
3 / 4


Similar Part No. - SR42UBWDSP1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBWDTAA TRIPPLITE-SR42UBWDTAA Datasheet
487Kb / 3P
   TAA-Compliant 42U SmartRack Wide
SR42UBWDVRT TRIPPLITE-SR42UBWDVRT Datasheet
525Kb / 3P
   42U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with Pre-Installed SRCABLEVRT3 with sides and doors
More results

Similar Description - SR42UBWDSP1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UWSP1 TRIPPLITE-SR42UWSP1 Datasheet
500Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
   48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBSP1 TRIPPLITE-SR42UBSP1 Datasheet
496Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet shipping
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR25UBSP1 TRIPPLITE-SR25UBSP1 Datasheet
176Kb / 4P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
   42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
   42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com