Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42UBWDSP1 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR42UBWDSP1
Description  42U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBWDSP1 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR42UBWDSP1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBWDSP1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBWDSP1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR42UBWDSP1 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
accessories, enabling you to customize your solution to meet any requirements.
Features
This special version of Tripp Lite's SR42UBWD SmartRack Enclosure ships mounted on a "shock pallet" that features additional reinforcement and
shock-absorbing material for safe loading and re-shipping
Heavy-duty ramps (included) allow enclosure to be rolled on and off the pallet during configuration
Shipping Capacity: shock-pallet supports up to 1,250 lbs. (281 lbs. SmartRack Enclosure weight + up to 969 lbs. of additional equipment), enabling safe
loading and re-shipping
Final Installation Capacity: SmartRack Enclosure supports up to 3,000 lbs. of equipment stationary and 2,250 lbs rolling.
Ships fully assembled for rapid deployment and roll into place on heavy-duty pre-installed casters. (Casters are removable)
Front and rear sets of equipment mounting rails adjust in 1/4" increments. Adjustment is quick and convenient. The easy-view depth index ensures
consistent rail placement without requiring time-consuming measurements.
Toolless accessory mounting rails (2 rails per enclosure) include slots for quick installation of compatible PDUs and vertical cable managers. Mounting
slots are arranged in an industry-standard pattern compatible with a wide variety of accessories. Each rail can accommodate two vertical PDUs or cable
managers side-by-side (four items per enclosure).
Enclosure includes mounting hardware of 50 pieces of M6 cage nuts and 50 pieces of M6 screws.
Textured powder coat finish for tough resistance to environmental concerns such as deployment in warehouses.
Massive front to rear ventilation capacity. 65+% open space in door perforation pattern meets or exceeds server manufacturer requirements.
Maximum usable internal depth of 37 inches (front to rear rail).
Front door is locking, reversible and removable.
Rear doors are locking and reversible. Split rear door design reduces clearance requirements for service entry allowing the enclosure to be placed closer
to a wall.
Locking removable side panels are 'half size' to make them smaller and lighter improving ease of installation and servicing. Two side panels per side (4
panels total). Side panels are keyed alike to the front and rear doors.
Built in baying tabs allow enclosures to be combined securely in rows. Center-to-center width can be set at 750mm or 30" to match standard data center
floor tiles.
Leveling feet extend to allow enclosure to be positioned on uneven floors. Levelers are removable.
Compact design allows the enclosure to roll through standard height commercial doorways.
Convenient grounding system. All components are grounded to the enclosure frame which includes multiple connections for facility ground. Front and
rear doors include quick-release ground wires.
Open bottom for cable access.
Top panel has generous cable access holes. Panel can be removed toollessly in seconds without having to disconnect cables first.
Included stabilizing brackets are used for shipment and can be reattached at the bottom of the enclosure frame on the inside or outside of the rack.
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard) Compliance
Compatibility with airflow optimization accessories as well as cable management accessories.
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
37
Installed Whole System Maximum
Rack Depth (cm)
94.0
2 / 4


Similar Part No. - SR42UBWDSP1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBWDTAA TRIPPLITE-SR42UBWDTAA Datasheet
487Kb / 3P
   TAA-Compliant 42U SmartRack Wide
SR42UBWDVRT TRIPPLITE-SR42UBWDVRT Datasheet
525Kb / 3P
   42U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with Pre-Installed SRCABLEVRT3 with sides and doors
More results

Similar Description - SR42UBWDSP1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UWSP1 TRIPPLITE-SR42UWSP1 Datasheet
500Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
   48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBSP1 TRIPPLITE-SR42UBSP1 Datasheet
496Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet shipping
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR25UBSP1 TRIPPLITE-SR25UBSP1 Datasheet
176Kb / 4P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
   42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
   42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com