Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1181 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1181
Description  ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1181 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1181 Datasheet HTML 1Page - STMicroelectronics AN1181 Datasheet HTML 2Page - STMicroelectronics AN1181 Datasheet HTML 3Page - STMicroelectronics AN1181 Datasheet HTML 4Page - STMicroelectronics AN1181 Datasheet HTML 5Page - STMicroelectronics AN1181 Datasheet HTML 6Page - STMicroelectronics AN1181 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
Figure 1. Typical Equivalent HBM ESD Circuit
Notes:
– The performance of any simulator is influenced by its parasitic capacitance and inductance.
– Precautions must be taken in tester design to avoid recharge transients and multiple pulses.
– R2, used for Equipment Qualification as specified in Section 3.2 shall be a low induct-
ance, 1000 Volts, 500 resistor with ± 1% tolerance.
– Piggybacking of DUT sockets is permitted if waveform in socket is within spec limits.
– Reversal of terminals A and B to achieve dual polarity is not permitted.
– S2 should be closed 10 to 100 milliseconds after the pulse delivery period to ensure the DUT
socket is not left in charge state. S2 should be opened at least 10 milliseconds prior to the
delivery of the next pulse.
High Voltage
Pulse
Generator
R 2
R 1
C1
100 pF
S2
S1
DUT
socket
Terminal B
Terminal A
1500 ohm
500 ohm
short


Similar Part No. - AN1181

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1183 MICROCHIP-AN1183 Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
NXP Semiconductors
AN11841 NXP-AN11841 Datasheet
700Kb / 21P
   PN7150 Arduino SBC Kit Quick Start Guide
Rev. 1.2-19 August 2016
AN11842 NXP-AN11842 Datasheet
522Kb / 17P
   BeagleBone Black SBC Kit Quick Start Guide
Rev. 1.0-18 May 2015
AN11844 NXP-AN11844 Datasheet
1Mb / 21P
   PN7120 Arduino SBC Kit Quick Start Guide
Rev. 1.4-25 July 2018
logo
Microchip Technology
AN1187 MICROCHIP-AN1187 Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - AN1181

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC10DA40 NIEC-EC10DA40 Datasheet
30Kb / 2P
   ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
logo
List of Unclassifed Man...
EP05DA40 ETC-EP05DA40 Datasheet
28Kb / 2P
   ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
logo
Guangdong Youtai Semico...
PESD5V0S1BA UMW-PESD5V0S1BA Datasheet
242Kb / 5P
   Low capacitance ElectroStatic Discharge
logo
Socay Electornics Co., ...
ESD05V88D-LC SOCAY-ESD05V88D-LC Datasheet
714Kb / 6P
   Electrostatic Discharge Protection Devices (ESD)
logo
Fairchild Semiconductor
AN-248 FAIRCHILD-AN-248 Datasheet
56Kb / 3P
   Electrostatic Discharge Prevention-Input Protection
logo
Littelfuse
XGD10603NR LITTELFUSE-XGD10603NR Datasheet
1Mb / 4P
   Surface Mount Polymeric Electrostatic Discharge Suppressors
AXGD10402 LITTELFUSE-AXGD10402 Datasheet
1Mb / 4P
   Surface Mount Polymeric Electrostatic Discharge Suppressors
2020 Littelfuse, Inc
XGD10402 LITTELFUSE-XGD10402 Datasheet
1Mb / 4P
   Surface Mount Polymeric Electrostatic Discharge Suppressors
2020 Littelfuse, Inc
logo
Pan Jit International I...
PJESD6V2LC-4-AU PANJIT-PJESD6V2LC-4-AU Datasheet
148Kb / 6P
   Based on the electrostatic discharge immunity test
logo
Hamamatsu Corporation
T11722-01 HAMAMATSU-T11722-01_15 Datasheet
167Kb / 4P
   For CO2 concentration measurement High sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com