Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1296 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1296
Description  Ring wave tests with ACS108 driving valves and pumps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1296 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1296 Datasheet HTML 1Page - STMicroelectronics AN1296 Datasheet HTML 2Page - STMicroelectronics AN1296 Datasheet HTML 3Page - STMicroelectronics AN1296 Datasheet HTML 4Page - STMicroelectronics AN1296 Datasheet HTML 5Page - STMicroelectronics AN1296 Datasheet HTML 6Page - STMicroelectronics AN1296 Datasheet HTML 7Page - STMicroelectronics AN1296 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Conclusion
AN1296
6/8
Doc ID 8159 Rev 3
2
Conclusion
Ring wave surges, as defined in the UL858A, can be applied on systems including ACSs as
long as the loads used are also compatible with the UL858A.
Valves: 50% of the tested valves sustain the 6 kV surge. In this case, ACSs are
compatible with the 100 kHz ring wave defined in the UL858A.
Pumps: driven by an ACS, it is compatible with the UL858A. These loads can be up to
700 mA. In these case, thermal behavior has to be mastered to keep the junction below
maximum junction temperature.
For a 150
Ω resistor, which seems to be the worst case for the power range of the
targeted loads, ACSs also are in line with the UL858A standard without any risk of
damage.
ACSs comply with the UL858A when the loads are able to withstand the required level of
voltage (6 kV). If not, a spark gap can be implemented by bringing closer the two non-
insulated copper tracks where the mains plug is connected. A 3 mm distance will reduce the
input over voltages to approximately 3 kV.


Similar Part No. - AN1296

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN12969A PANASONIC-AN12969A Datasheet
561Kb / 31P
   I2C bus control compatible AGC built-in stereo BTL amplifier IC
More results

Similar Description - AN1296

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Varitronix internationa...
VI-201-DP-FC-S VARITRONIX-VI-201-DP-FC-S Datasheet
99Kb / 1P
   Typical Environmental Tests & Mechanical Tests For LCD
logo
Toshiba Semiconductor
TC78B004AFTG TOSHIBA-TC78B004AFTG Datasheet
1Mb / 34P
   3-phase Full-wave Sine-wave PWM driving Brushless Motor Controller with Speed Control Function
2019-01-08
logo
STMicroelectronics
AN2036 STMICROELECTRONICS-AN2036 Datasheet
261Kb / 7P
   Solderability Tests
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
   EFFLUENT AND DRAIN WATER PUMPS
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
   Charge-Pumps and High-Current OP
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
   Industrial Solenoid Valves
logo
List of Unclassifed Man...
4019-A ETC2-4019-A Datasheet
147Kb / 4P
   VALVES TRIODES
4307-A ETC2-4307-A Datasheet
265Kb / 4P
   STANDARD VALVES
logo
Ralston Instruments.
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
   Hydraulic Hand Pumps with Gauge Connection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com