Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1322 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1322
Description  This application note provides information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1322 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1322 Datasheet HTML 1Page - STMicroelectronics AN1322 Datasheet HTML 2Page - STMicroelectronics AN1322 Datasheet HTML 3Page - STMicroelectronics AN1322 Datasheet HTML 4Page - STMicroelectronics AN1322 Datasheet HTML 5Page - STMicroelectronics AN1322 Datasheet HTML 6Page - STMicroelectronics AN1322 Datasheet HTML 7Page - STMicroelectronics AN1322 Datasheet HTML 8Page - STMicroelectronics AN1322 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
MIGRATING AN APPLICATION FROM ST7263 REV.B TO ST7263B
4 SOFTWARE PORTING
4.1 DEVICE CONFIGURATION
The ST7263B device features an option byte that provides two new optional functions:
– Watchdog hardware selection,
– Read out protection.
This option byte allows the device to be configured independently of the application software.
The option byte is also used to control certain functions that were previously managed in the
Miscellaneous register (MISCR) in the ST7263 Rev.B:
– 24 or 12 MHz oscillator selection function that provides an internal frequency of either 2,
4 or 8 MHz while maintaining a 6 MHz frequency for the USB
– LVD Reset function that allows the MCU to reset other devices.
Moreover, a new bit, the Slow Mode Select (SMS) bit, is added in the MISCR register and en-
ables an internal divide-by-2 clock divider used to halve the CPU frequency for power saving
reasons.
Consequently, the MISCR register of the ST7263 Rev.B and ST7263B are not directly upward
compatible and require some software adjustments.
4.1.1 Option Byte Description
Five new configuration options are available as described below.
Bit 5 = WDGSW Hardware or Software Watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
Bit 4 = WDHALT Watchdog and HALT mode
This option bit determines if a RESET is generated when entering HALT mode while the
Watchdog is active.
0: No reset generation when entering HALT mode
1: Reset generation when entering HALT mode.
Bit 3 = LVD Low Voltage Detector selection
This option bit enables the LVD.
0: LVD Reset enabled
1: LVD Reset disabled
7
0
-
-
WDGSW
WDHALT
LVD
-
OSC24/12
FMP_R


Similar Part No. - AN1322

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1320 STMICROELECTRONICS-AN1320 Datasheet
164Kb / 20P
   IN BALLAST APPLICATIONS
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
   Video 75 W Driver IC built in Charge Pump Circuit
AN13208A PANASONIC-AN13208A Datasheet
459Kb / 17P
   3-ch. video driver IC supporting HD with charge pump
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
STMicroelectronics
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
   CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
More results

Similar Description - AN1322

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
   This application note provides information
AN2366 STMICROELECTRONICS-AN2366 Datasheet
101Kb / 8P
   This application note provides information
AN3271 STMICROELECTRONICS-AN3271 Datasheet
1Mb / 29P
   This application note provides
logo
Holt Integrated Circuit...
AN-550 HOLTIC-AN-550 Datasheet
93Kb / 11P
   This application note provides recommendations
logo
STMicroelectronics
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
   This application note provides design guidelines
AN4503 STMICROELECTRONICS-AN4503 Datasheet
334Kb / 26P
   This application note provides guidelines for successfully integrating
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
   This application note describes
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
   This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
   This application note describes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com