Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1605 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1605
Description  USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1605 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1605 Datasheet HTML 1Page - STMicroelectronics AN1605 Datasheet HTML 2Page - STMicroelectronics AN1605 Datasheet HTML 3Page - STMicroelectronics AN1605 Datasheet HTML 4Page - STMicroelectronics AN1605 Datasheet HTML 5Page - STMicroelectronics AN1605 Datasheet HTML 6Page - STMicroelectronics AN1605 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN1605/0403
1/7
AN1605
APPLICATION NOTE
USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM
POWER SAVING MODE
by Microcontroller Division Applications
1 INTRODUCTION
This application note investigates the power consumption during the operation of a typical ap-
plication which puts the MCU (ST7Lite0) in HALT mode and wakes it up at regular intervals by
an external interrupt generated by an active RC circuit.
It also lists the typical consumption values and the parameters on which this consumption de-
pends. The internal Pull up (Rpu) of an I/O port is used for the active RC to minimise the
number of external components. The value of the Rpu varies with the supply voltage of the
MCU and with temperature. Externally, only one capacitor is used.
The ST7LITE0 clock source is configured by option byte to be internal RC with PLL*8. All
measurements are taken at ambient temperature.
1.1 HARDWARE SOLUTION
Figure 1 shows the Hardware setup used to measure the consumption (IDD) at different power
supply voltages.
Figure 1. Hardware Setup
1.2 POWER CONSUMPTION
The power consumption depends mainly on the time period between each wakeup from HALT
(external interrupt interval). The wakeup time period is controlled by the RC time constant. The
value of the Cext is fixed but the internal pull-up value varies with the MCU power supply
voltage and with temperature.
C
EXT
EI0
RPU
VDD
PA0
1


Similar Part No. - AN1605

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1602 STMICROELECTRONICS-AN1602 Datasheet
234Kb / 21P
   16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
   This Application Note describes
AN1606 STMICROELECTRONICS-AN1606 Datasheet
288Kb / 18P
   This application features the L4981 PFC controller
logo
Motorola, Inc
AN1607 MOTOROLA-AN1607 Datasheet
217Kb / 12P
   ITC122 low voltage micro to motor interface
More results

Similar Description - AN1605

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
   Porting an application from the ST10F168 to the ST10F276
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
AN1313 STMICROELECTRONICS-AN1313 Datasheet
273Kb / 16P
   Porting an application from the ST10F168 to the ST10F269
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
   Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
AN3090 STMICROELECTRONICS-AN3090 Datasheet
1Mb / 19P
   Power saving and LED status detection using the STP16DPPS05 device
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
   CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
AN4631 STMICROELECTRONICS-AN4631 Datasheet
582Kb / 30P
   How to calibrate an STM32L0xx internal RC oscillator
AN1753 STMICROELECTRONICS-AN1753 Datasheet
559Kb / 22P
   Software UART using ST7LITE0 12-bit autoreload timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com