Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G125A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV2G125A
Description  Dual Bus Buffer with 3?뱒tate Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G125A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV2G125A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G125A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev.5.00, Sep.30.2003, page 1 of 9
HD74LV2G125A
Dual Bus Buffer with 3–state Output
REJ03D0099–0500Z
(Previous ADE-205-347D (Z))
Rev.5.00
Sep.30.2003
Description
The HD74LV2G125A has dual bus buffer with 3–state output in a 8 pin package. Output is disabled when
the associated output enable (
OE) input is high. To ensure the high impedance state during power up or
power down,
OE should be connected to V
CC through a pull-down resistor; the minimum value of the
resistor is determined by the current souring capability of the driver. Low voltage and high-speed operation
is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV125A
Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V, Output : Z)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV2G125AUSE SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)


Similar Part No. - HD74LV2G125A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G125AUSE RENESAS-HD74LV2G125AUSE Datasheet
94Kb / 10P
   Dual Bus Buffer with 3-state Output
More results

Similar Description - HD74LV2G125A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G126A RENESAS-HD74LV2G126A_15 Datasheet
116Kb / 12P
   Dual Bus Buffer with 3?뱒tate Output
HD74LV2G240A RENESAS-HD74LV2G240A_15 Datasheet
121Kb / 12P
   Dual Bus Buffer Inverted with 3?뱒tate Output
HD74LV2G241A RENESAS-HD74LV2G241A_15 Datasheet
119Kb / 12P
   Dual Bus Buffer Noninverted with 3?뱒tate Output
HD74LV1G125A RENESAS-HD74LV1G125A_15 Datasheet
178Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
HD74LV1G126A RENESAS-HD74LV1G126A_15 Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
HD74LV1GT125A RENESAS-HD74LV1GT125A_15 Datasheet
151Kb / 10P
   Bus Buffer Gate with 3?뱒tate Output /
HD74LV1GT126A RENESAS-HD74LV1GT126A_15 Datasheet
149Kb / 10P
   Bus Buffer Gate with 3?뱒tate Output /
HD74LV2GT125A RENESAS-HD74LV2GT125A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A_15 Datasheet
113Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT240A RENESAS-HD74LV2GT240A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer Inverted with 3?뱒tate Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com