Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1930A Datasheet(PDF) 7 Page - Linear Technology

Part # LT1930A
Description  1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1930A Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1930A_15 Datasheet HTML 3Page - Linear Technology LT1930A_15 Datasheet HTML 4Page - Linear Technology LT1930A_15 Datasheet HTML 5Page - Linear Technology LT1930A_15 Datasheet HTML 6Page - Linear Technology LT1930A_15 Datasheet HTML 7Page - Linear Technology LT1930A_15 Datasheet HTML 8Page - Linear Technology LT1930A_15 Datasheet HTML 9Page - Linear Technology LT1930A_15 Datasheet HTML 10Page - Linear Technology LT1930A_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1930/LT1930A
Figure 5. Transient Response of Step-Up Converter with 33
µF
Tantalum Output Capacitor and No Phase Lead Capacitor
VOUT
0.2V/DIV
AC COUPLED
ILI
0.5A/DIV
AC COUPLED
250mA
150mA
LOAD
CURRENT
200
µs/DIV
1930 F04
DIODE SELECTION
A Schottky diode is recommended for use with the LT1930/
LT1930A. The Motorola MBR0520 is a very good choice.
Where the switch voltage exceeds 20V, use the MBR0530
(a 30V diode). Where the switch voltage exceeds 30V, use
the MBR0540 (a 40V diode). These diodes are rated to
handle an average forward current of 0.5A. In applications
where the average forward current of the diode exceeds
0.5A, a Microsemi UPS5817 rated at 1A is recommended.
SETTING OUTPUT VOLTAGE
To set the output voltage, select the values of R1 and R2
(see Figure 1) according to the following equation.
RR
V
V
OUT
12
1 255
1
=


.
A good value for R2 is 13.3k which sets the current in the
resistor divider chain to 1.255V/13.3k = 94.7
µA.
Figure 6. Suggested Layout
R1
R2
GND
C3
C2
L1
D1
C1
VOUT
VIN
SHUTDOWN
1930 F06
+
GND
VIN
SW
SHDN
FB
VIN
16V
4
51
3
D1
L1
2
R1
LT1930
1930 F07
C2
C1
121k
R2
VOUT
Figure 7. Keeping SHDN Below 10V
LAYOUT HINTS
The high speed operation of the LT1930/LT1930A
demands careful attention to board layout. You will not get
advertised performance with careless layout. Figure 6
shows the recommended component placement.
Driving SHDN Above 10V
The maximum voltage allowed on the SHDN pin is 10V. If
you wish to use a higher voltage, you must place a resistor
in series with SHDN. A good value is 121k. Figure 7 shows
a circuit where VIN = 16V and SHDN is obtained from VIN.
The voltage on the SHDN pin is kept below 10V.
APPLICATIONS INFORMATION


Similar Part No. - LT1930A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930AES5 LINER-LT1930AES5 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
More results

Similar Description - LT1930A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com