Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1930A Datasheet(PDF) 1 Page - Linear Technology

Part # LT1930A
Description  1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1930A Datasheet(HTML) 1 Page - Linear Technology

  LT1930A_15 Datasheet HTML 1Page - Linear Technology LT1930A_15 Datasheet HTML 2Page - Linear Technology LT1930A_15 Datasheet HTML 3Page - Linear Technology LT1930A_15 Datasheet HTML 4Page - Linear Technology LT1930A_15 Datasheet HTML 5Page - Linear Technology LT1930A_15 Datasheet HTML 6Page - Linear Technology LT1930A_15 Datasheet HTML 7Page - Linear Technology LT1930A_15 Datasheet HTML 8Page - Linear Technology LT1930A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1930/LT1930A
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
1A, 1.2MHz/2.2MHz,
Step-Up DC/DC Converters
in ThinSOT
s
1.2MHz Switching Frequency (LT1930)
s
2.2MHz Switching Frequency (LT1930A)
s
Low VCESAT Switch: 400mV at 1A
s
High Output Voltage: Up to 34V
s
5V at 480mA from 3.3V Input (LT1930)
s
12V at 250mA from 5V Input (LT1930A)
s
Wide Input Range: 2.6V to 16V
s
Uses Small Surface Mount Components
s
Low Shutdown Current: < 1
µA
s
Low Profile (1mm) ThinSOT
TM Package
s
Pin-for-Pin Compatible with the LT1613
Figure 1. 5V to 12V, 300mA Step-Up DC/DC Converter
s
TFT-LCD Bias Supply
s
Digital Cameras
s
Cordless Phones
s
Battery Backup
s
Medical Diagnostic Equipment
s
Local 5V or 12V Supply
s
External Modems
s
PC Cards
s
xDSL Power Supply
Efficiency
The LT
®1930 and LT1930A are the industry’s highest
power SOT-23 switching regulators. Both include an
internal 1A, 36V switch allowing high current outputs to be
generated in a small footprint. The LT1930 switches at
1.2MHz, allowing the use of tiny, low cost and low height
capacitors and inductors. The faster LT1930A switches at
2.2MHz, enabling further reductions in inductor size.
Complete regulator solutions approaching one tenth of a
square inch in area are achievable with these devices.
Multiple output power supplies can now use a separate
regulator for each output voltage, replacing cumbersome
quasi-regulated approaches using a single regulator and
custom transformers.
A constant frequency internally compensated current mode
PWM architecture results in low, predictable output noise
that is easy to filter. Low ESR ceramic capacitors can be
used at the output, further reducing noise to the millivolt
level. The high voltage switch on the LT1930/LT1930A is
rated at 36V, making the device ideal for boost converters
up to 34V as well as for single-ended primary inductance
converter (SEPIC) and flyback designs. The LT1930 can
generate 5V at up to 480mA from a 3.3V supply or 5V at
300mA from four alkaline cells in a SEPIC design.
The LT1930/LT1930A are available in the 5-lead ThinSOT
package.
GND
VIN
SW
SHDN
FB
VIN
5V
4
51
3
D1
L1
10
µH
2
R1
113k
LT1930
1930/A F01
C2
4.7
µF
C3*
10pF
C1
2.2
µF
R2
13.3k
VOUT
12V
300mA
C1: TAIYO-YUDEN X5R LMK212BJ225MG
C2: TAIYO-YUDEN X5R EMK316BJ475ML
D1: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CR43-100
*OPTIONAL
SHDN
LOAD CURRENT (mA)
0
70
75
80
400
1930 TA01
65
60
50
100
200
300
55
90
85
VIN = 5V
VIN = 3.3V
, LTC and LT are registered trademarks of Linear Technology Corporation
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT1930A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930AES5 LINER-LT1930AES5 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
More results

Similar Description - LT1930A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com