Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1932 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1932
Description  Constant-Current DC/DC LED Driver in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1932 Datasheet HTML 4Page - Linear Technology LT1932 Datasheet HTML 5Page - Linear Technology LT1932 Datasheet HTML 6Page - Linear Technology LT1932 Datasheet HTML 7Page - Linear Technology LT1932 Datasheet HTML 8Page - Linear Technology LT1932 Datasheet HTML 9Page - Linear Technology LT1932 Datasheet HTML 10Page - Linear Technology LT1932 Datasheet HTML 11Page - Linear Technology LT1932 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1932
1932f
Dimming Using a Filtered PWM Signal
While the direct PWM method provides the widest dim-
ming range and the purest white light output, it causes the
LT1932 to enter into Burst Mode
® operation. This opera-
tion may be undesirable for some systems, as it may
reflect some noise to the input source at the PWM fre-
quency. The solution is to filter the control signal by adding
a 10k resistor and a 0.1
µF capacitor as shown in Figure 6,
converting the PWM to a DC level before it reaches the
RSET pin. The 10k resistor minimizes the capacitance seen
by the RSET pin.
Dimming Using a Logic Signal
For applications that need to adjust the LED brightness in
discrete steps, a logic signal can be used as shown in
Figure 6. RMIN sets the minimum LED current value (when
the NMOS is off):
R
V
I
MIN
LED MIN
=


225
01
.
()
RINCR sets how much the LED current is increased when
the NMOS is turned on:
R
V
I
INCR
LED INCREASE
=


225
01
.
()
Dimming Using a DC Voltage
For some applications, the preferred method of brightness
control uses a variable DC voltage to adjust the LED
current. As the DC voltage is increased, current flows
through RADJ into RSET, reducing the current flowing out
APPLICATIO S I FOR ATIO
Figure 6. Five Methods of LED Dimming
of the RSET pin, thus reducing the LED current. Choose the
RADJ value as shown below where VMAX is the maximum
DC control voltage, ILED(MAX) is the current programmed
by RSET, and ILED(MIN) is the minimum value of ILED (when
the DC control voltage is at VMAX).
R
VV
II
ADJ
MAX
LED MAX
LED MIN
=


225
01
–.
()
(
)
Regulating LED Current when VIN > VOUT
The LT1932 contains special circuitry that enables it to
regulate the LED current even when the input voltage is
higher than the output voltage. When VIN is less than VOUT,
the internal NPN LED switch (transistor Q2 in Figure 1) is
saturated to provide a lower power loss. When VIN is
greater than VOUT, the NPN LED switch comes out of
saturation to keep the LED current in regulation.
Soft-Start/Controlling Inrush Current
For many applications, it is necessary to minimize the
inrush current at start-up. When first turned on and the
LED current is zero, the LT1932 will initially command the
maximum switch current of 500mA to 600mA, which may
give an inrush current too high for some applications. A
soft-start circuit (Figure 7) can be added to significantly
reduce the start-up current spike. Figure 8 shows that
without soft-start the input current reaches almost 600mA.
Figure 9 shows that when the soft-start circuit is added,
the input current has only a brief 300mA spike, and on
average does not exceed 100mA.
LT1932
RSET
VDC
RSET
4
1932 F06
RADJ
LT1932
RSET
PWM
LT1932
PWM
FILTERED PWM
DC VOLTAGE
LOGIC
RSET
PWM
RSET
4
RPWM
LT1932
PWM
SHDN
PWM
5
RSET
0.1
µF
4
10k
RPWM
LT1932
RSET
RMIN
LOGIC
SIGNAL
4
RINCR
Burst Mode is a registered trademark of Linear Technology Corporation.


Similar Part No. - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
LT1932 LINER-LT1932 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT1932 LINER-LT1932 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
First Components Intern...
LT1932 FCI-LT1932 Datasheet
201Kb / 12P
   Constant-Current DC/DC LED Driver LT1932
logo
Linear Technology
LT1932ES6 LINER-LT1932ES6 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
More results

Similar Description - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L_12 Datasheet
160Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com