Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GT00A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV2GT00A
Description  Dual 2-input NAND Gates / CMOS Logic Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT00A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV2GT00A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT00A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LV2GT00A
Rev.2.00, Oct.14.2003, page 3 of 7
Pin Arrangement
(Top view)
8VCC
1
71Y
62B
52A
1A
2
1B
3
2Y
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range
*1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output : H or L
Output voltage range
*1, 2
VO
–0.5 to 7.0
V
VCC : OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and
furthermore no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV2GT00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT00AUSE RENESAS-HD74LV2GT00AUSE Datasheet
80Kb / 8P
   Dual 2-input NAND Gates / CMOS Logic Level Shifter
More results

Similar Description - HD74LV2GT00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT00A RENESAS-HD74LV2GT00A Datasheet
80Kb / 8P
   Dual 2-input NAND Gates / CMOS Logic Level Shifter
HD74LV2GT02A RENESAS-HD74LV2GT02A_15 Datasheet
105Kb / 10P
   Dual 2-input NOR Gates / CMOS Logic Level Shifter
HD74LV2GT32A RENESAS-HD74LV2GT32A Datasheet
80Kb / 8P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
HD74LV2GT08A RENESAS-HD74LV2GT08A_15 Datasheet
105Kb / 11P
   Dual 2-input AND Gates / CMOS Logic Level Shifter
HD74LV2GT32A RENESAS-HD74LV2GT32A_15 Datasheet
104Kb / 10P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
HD74LV2GT02A RENESAS-HD74LV2GT02A Datasheet
81Kb / 8P
   Dual 2-input NOR Gates / CMOS Logic Level Shifter
HD74LV2GT08A RENESAS-HD74LV2GT08A Datasheet
81Kb / 9P
   Dual 2-input AND Gates / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
MC74VHC1GT00DFT2G ONSEMI-MC74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com