Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GT02A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV2GT02A
Description  Dual 2-input NOR Gates / CMOS Logic Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT02A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV2GT02A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV2GT02A_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LV2GT02A
Rev.2.00, Oct.14.2003, page 5 of 7
Switching Characteristics
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.0
11.0
1.0
13.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
9.0
14.0
1.0
15.5
ns
CL = 50 pF
A or B
Y
• V
CC = 5.0 ±0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.0
6.2
1.0
7.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.5
9.0
1.0
10.0
ns
CL = 50 pF
A or B
Y
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V) Min
Typ
Max
Unit
Test Conditions
Power dissipation
capacitance
CPD
5.0
10.3
pF
f = 10 MHz
Test Circuit
Pulse
generator
50
C
L
Input
Output
VCC
Note: Operating current test time, output is open.


Similar Part No. - HD74LV2GT02A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT02AUSE RENESAS-HD74LV2GT02AUSE Datasheet
81Kb / 8P
   Dual 2-input NOR Gates / CMOS Logic Level Shifter
More results

Similar Description - HD74LV2GT02A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT02A RENESAS-HD74LV2GT02A Datasheet
81Kb / 8P
   Dual 2-input NOR Gates / CMOS Logic Level Shifter
HD74LV2GT00A RENESAS-HD74LV2GT00A_15 Datasheet
107Kb / 10P
   Dual 2-input NAND Gates / CMOS Logic Level Shifter
HD74LV2GT00A RENESAS-HD74LV2GT00A Datasheet
80Kb / 8P
   Dual 2-input NAND Gates / CMOS Logic Level Shifter
HD74LV2GT32A RENESAS-HD74LV2GT32A Datasheet
80Kb / 8P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
HD74LV2GT08A RENESAS-HD74LV2GT08A_15 Datasheet
105Kb / 11P
   Dual 2-input AND Gates / CMOS Logic Level Shifter
HD74LV2GT32A RENESAS-HD74LV2GT32A_15 Datasheet
104Kb / 10P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
HD74LV2GT08A RENESAS-HD74LV2GT08A Datasheet
81Kb / 9P
   Dual 2-input AND Gates / CMOS Logic Level Shifter
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
E-Tech Electronics LTD
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
   2-Input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com