Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1668 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTA1668
Description  EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1668 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTA1668 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1668 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1668 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1999. 12. 22
3/3
KTA1668
Revision No : 2
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-0.5
-1
-3
-10
-0.01
-30
-100
-5
-50
-0.005
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
I CP
C
I MAX.
DC
OPERATION
1se
c
20
40
60
80
100
120
140
160
200
400
600
800
1k
1.2k
1PULSE
Mounted on ceramic
substrate
(250mm 0.8t)
Ta=25 C
(1)
(2)
(1)
(2)


Similar Part No. - KTA1668

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
KTA1668 HTSEMI-KTA1668 Datasheet
592Kb / 3P
   TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1668 HOTTECH-KTA1668 Datasheet
167Kb / 2P
   Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTA1668 JIANGSU-KTA1668 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1668 KEXIN-KTA1668 Datasheet
646Kb / 3P
   PNP Transistors
logo
Nanjing International G...
KTA1668 DGNJDZ-KTA1668 Datasheet
711Kb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - KTA1668

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC1008 KEC-KTC1008 Datasheet
244Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
KTB764 KEC-KTB764 Datasheet
80Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(VOLTAGE REGULATOR, RELAY, RAMP DRIVER, INDUSTRIAL USE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com