Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42UBTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR42UBTAA
Description  TAA-Compliant 42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR42UBTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAA-Compliant 42U SmartRack Standard-Depth
Rack Enclosure Cabinet with doors & side panels
MODEL NUMBER: SR42UBTAA
Description
SR42UBTAA meets the requirements of the Trade Agreements Act (TAA). TAA compliance applies to GSA
Schedule and IDIQ contract purchases, and requires that products be assembled within the United States or in
an approved country.
The SR42UBTAA features a massive front-to rear-ventilation capacity that meets or exceeds server
manufacturer requirements. Its integrated baying tabs make it easy to combine multiple enclosures in rows for
data center applications. This enclosure is also compatible with hot-aisle/cold-aisle configurations.
The SR42UBTAA houses 3000 lb of standard 19-inch rack equipment in 42U. Its front and rear pairs of vertical rails have square mounting holes that are
adjustable in quarter-inch increments from 4 to 37 inches. Adjustment is quick and an easy-view depth index ensures consistent rail placement without
requiring time-consuming measurements. Each rack space within the enclosure is numbered for ready reference.
Two of the adjustable vertical mounting rails support toolless button-mount 0U installation of up to four compatible PDUs and cable managers. This feature
makes it easier to route cabling to rack equipment and reduces cord clutter.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the SR42UBTAA provides ultimate equipment safety. The side
panels are half size for ease of removal and reinstallation. The split rear door design allows the enclosure to be placed closer to a wall. The SR42UBTAA
meets all requirements toward PCI DSS compliance.
The top panel of the SR42UBTAA is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR42UB is open-bottom.
All components of the SR42UBTAA are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
earth ground. The removable front and rear doors feature quick-release ground wires.
To simplify deployment, the SR42UBTAA comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it can be
Highlights
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
42U SmartRack enclosure with
doors and side panels
4 interior vertical posts with
unthreaded square hole openings
Standard 24" (600mm) width and
42" (1050mm) depth for
optimizing floor space
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
Locking, removable side panels
keyed alike with doors
Meets all enclosure requirements
towards PCI DSS (Payment Card
Industry Data Security Standard)
Compliance
1 / 3


Similar Part No. - SR42UBTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UB1032 TRIPPLITE-SR42UB1032 Datasheet
514Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet, Threaded 10-32 Mounting Holes with doors and side panels
SR42UBCL TRIPPLITE-SR42UBCL Datasheet
523Kb / 3P
   42U SmartRack Co-Location Standard-Depth Rack Enclosure Cabinet - 2 separate compartments
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
   42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UBDPWD TRIPPLITE-SR42UBDPWD Datasheet
518Kb / 3P
   42U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
More results

Similar Description - SR42UBTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
   42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
   42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBZ4 TRIPPLITE-SR42UBZ4 Datasheet
517Kb / 3P
   42U SmartRack Seismic-Rated Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBSP1 TRIPPLITE-SR42UBSP1 Datasheet
496Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet shipping
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
   42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UWSP1 TRIPPLITE-SR42UWSP1 Datasheet
500Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com