Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM64YGB36100 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HM64YGB36100
Description  32M Synchronous Late Write Fast Static RAM (1-Mword36-bit)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM64YGB36100 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HM64YGB36100_15 Datasheet HTML 5Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 6Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 7Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 8Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 9Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 10Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 11Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 12Page - Renesas Technology Corp HM64YGB36100_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
HM64YGB36100 Series
Rev.1.00 Jun 27, 2005 page 7 of 19
DC Characteristics
(Ta = 0 to +85
°C, V
DD = 2.5 V ± 5%)
Parameter
Symbol
Min
Max
Unit
Notes
Input leakage current
ILI
2
µA
1
Output leakage current
ILO
5
µA
2
Standby current
ISBZZ
150
mA
3
VDD operating current, excluding output drivers
IDD
550
mA
4
Quiescent active power supply current
IDD2
200
mA
5
Maximum power dissipation, including output drivers
P
2.3
W
6
Parameter
Symbol
Min
Typ
Max
Unit Notes
Output low voltage
VOL
VSS
VSS + 0.4
V
7
Output high voltage
VOH
VDDQ
− 0.4
VDDQ
V
8
ZQ pin connect resistance
RQ
250
Output “Low” current
IOL
(VDDQ/2) / {(RQ/5)
− 15%}
(VDDQ/2) / {(RQ/5) + 15%}
mA
9, 11
Output “High” current
IOH
(VDDQ/2) / {(RQ/5) + 15%}
(VDDQ/2) / {(RQ/5)
− 15%}
mA
10, 11
Notes: 1. 0
≤ VIN ≤ VDDQ for all input pins (except VREF, ZQ, M1, M2 pin)
2. 0
≤ VOUT ≤ VDDQ, DQ in high-Z
3. All inputs (except clock) are held at either VIH or VIL, ZZ is held at VIH, IOUT = 0 mA. Specification is
guaranteed at +75
°C junction temperature.
4. IOUT = 0 mA, read 50% / write 50%, VDD = VDD max, frequency = min. cycle
5. IOUT = 0 mA, read 50% / write 50%, VDD = VDD max, frequency = 3 MHz
6. Output drives a 12 pF load and switches every cycle. This parameter should be used by the SRAM designer
to determine electrical and package requirements for the SRAM device.
7. RQ = 250
Ω, IOL = 6.8 mA
8. RQ = 250
Ω, IOH = −6.8 mA
9. Measured at VOL = 1/2 VDDQ
10. Measured at VOH = 1/2 VDDQ
11. The total external capacitance of ZQ pin must be less than 7.5 pF.


Similar Part No. - HM64YGB36100_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
More results

Similar Description - HM64YGB36100_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM64YGB36100 RENESAS-HM64YGB36100 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512_15 Datasheet
395Kb / 33P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512 Datasheet
360Kb / 31P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YLB36514 RENESAS-HM64YLB36514_15 Datasheet
218Kb / 24P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36514 RENESAS-HM64YLB36514 Datasheet
205Kb / 22P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
logo
NEC
UPD44323362 NEC-UPD44323362 Datasheet
252Kb / 28P
   32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Motorola, Inc
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com