Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1718D Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTA1718D
Description  EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1718D Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTA1718D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1718D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1718D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2003. 3. 27
3/3
KTA1718D/L
Revision No : 3
-1.5
0
-1.0
-0.5
COLLECTOR CURRENT I (A)
C
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
V
- I
V
- I
C
COLLECTOR CURRENT I (A)
-0.001
-0.03
-0.1
-0.3
-0.01
CE(sat)
C
-1
-3
-0.03
-0.05
-0.1
-0.3
-0.5
-1
COMMON EMITTER
I /I =20
C B
Ta=100
C
Ta=25 C
Ta=-55 C
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-0.5
-0.2
-0.01
-3
-1
SAFE OPERATING AREA
BE(sat)
C
COMMON EMITTER
I /I =20
-0.01
-0.001
-1
-0.1
-0.3
-0.5
-0.05
-0.03
CB
-0.1
-0.03
-0.3
Ta=25 C
Ta=100 C
Ta=-55 C
-3
-1
AMBIENT TEMPERATURE Ta ( C)
2
0
0
Pc - Ta
-0.4
-0.8
-1.2
-1.6
-2.0
-2.0
COMMON EMITTER
V =-2V
CE
40
80
120
160
200
4
6
8
10
-10
-30
-100
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE
DERATED LINEARLY WITH
INCREASE IN TEMPERATURE
*
Ta=2
5 C
DC OPERATION
1s
100m
S
10mS
*
*
* *
I MAX.(PULSED)
I MAX.(CONTINUOUS)
C
C
*
12
Ta=25 C
Tc=25
C


Similar Part No. - KTA1718D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1718D KEC-KTA1718D_15 Datasheet
418Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1718D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1296 KEC-KTA1296 Datasheet
72Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1666 KEC-KTA1666 Datasheet
407Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1298 KEC-KTA1298 Datasheet
248Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING)
KTA1726 KEC-KTA1726 Datasheet
78Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
TIP34C KEC-TIP34C Datasheet
73Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTA1725 KEC-KTA1725 Datasheet
487Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTB2955 KEC-KTB2955 Datasheet
267Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTC2814 KEC-KTC2814 Datasheet
410Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com