Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRW10US Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRW10US
Description  SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW10US Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRW10US Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW10US Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRW10US Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Installed Whole System Maximum
Rack Depth (cm)
52.07
Installed Whole System Minimum
Rack Depth (in.)
3
Installed Whole System Minimum
Rack Depth (cm)
7.62
Rack Height (U Spaces)
10
Shipping Dimensions (hwd / in.)
24.41 x 26.38 x 24.41
Shipping Dimensions (hwd / cm)
62 x 67 x 62
Shipping Weight (lbs.)
59
Shipping Weight (kg)
26.76
Unit Dimensions (hwd / in.)
21.57 x 23.62 x 21.6
Unit Dimensions (hwd / cm)
54.79 x 59.99 x 54.86
Unit Weight (lbs.)
55
Unit Weight (kg)
24.94
Unit Dimensions (cm)
EXTERNAL DIMENSIONS: 54.78 x 60 x 54.9 (HWD)
Color
Black
Weight Capacity - Stationary (lbs.)
200
Weight Capacity - Stationary (kg)
90.7
Factory Preset Rack Depth (in.)
10.42
Factory Preset Rack Depth (cm)
26.47
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
Hinged (Swings Away from Wall
Bracket)
Yes
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
No
CERTIFICATIONS
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA-310-E, IEC 60297-3-100, RoHS, DIN 41494, IP20 Protection Rating
WARRANTY
2 / 3


Similar Part No. - SRW10US

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW10USG TRIPPLITE-SRW10USG Datasheet
182Kb / 3P
   SmartRack 10U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
More results

Similar Description - SRW10US

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
   SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US13 TRIPPLITE-SRW18US13 Datasheet
522Kb / 2P
   SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US TRIPPLITE-SRW18US Datasheet
505Kb / 3P
   SmartRack 18U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW6UW TRIPPLITE-SRW6UW Datasheet
530Kb / 3P
   SmartRack 6U Wall-Mount Standard-Depth Rack Enclosure Cabinet, White
SRW6U TRIPPLITE-SRW6U Datasheet
524Kb / 3P
   SmartRack 6U Wall-Mount Standard-Depth Rack Enclosure Cabinet, Black
SRW12US TRIPPLITE-SRW12US Datasheet
515Kb / 3P
   SmartRack 12U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12U13 TRIPPLITE-SRW12U13 Datasheet
539Kb / 2P
   SmartRack 12U Slim Wall-Mount Shallow-Depth Rack Enclosure Cabinet
SRWF2U36 TRIPPLITE-SRWF2U36 Datasheet
512Kb / 3P
   SmartRack 2U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRWF4U TRIPPLITE-SRWF4U Datasheet
521Kb / 3P
   SmartRack 4U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRWF4U36 TRIPPLITE-SRWF4U36 Datasheet
512Kb / 3P
   SmartRack 4U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com