Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRW12U13 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRW12U13
Description  SmartRack 12U Slim Wall-Mount Shallow-Depth Rack Enclosure Cabinet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW12U13 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRW12U13 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW12U13 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shipping Dimensions (hwd / in.)
27.56 x 25.6 x 15.75
Shipping Dimensions (hwd / cm)
70 x 65 x 40
Shipping Weight (lbs.)
40
Shipping Weight (kg)
18.14
Unit Dimensions (hwd / in.)
25.08 x 23.62 x 13
Unit Dimensions (hwd / cm)
63.7 x 59.99 x 33.02
Unit Weight (lbs.)
38
Unit Weight (kg)
17.24
Color
Black
Weight Capacity - Stationary (lbs.)
200
Weight Capacity - Stationary (kg)
90.72
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front door frame
Seismic Rack
No
CERTIFICATIONS
Certifications
EIA-310-E
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - SRW12U13

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW12U13G TRIPPLITE-SRW12U13G Datasheet
176Kb / 3P
   SmartRack 12U Very Low-Profile Patch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
More results

Similar Description - SRW12U13

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW12US TRIPPLITE-SRW12US Datasheet
515Kb / 3P
   SmartRack 12U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12U TRIPPLITE-SRW12U Datasheet
202Kb / 3P
   SmartRack 12U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRW18US13 TRIPPLITE-SRW18US13 Datasheet
522Kb / 2P
   SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12USDP TRIPPLITE-SRW12USDP Datasheet
528Kb / 3P
   SmartRack 12U UPS-Depth Wall-Mount Rack Enclosure Cabinet, Hinged Back
SRW12US33 TRIPPLITE-SRW12US33 Datasheet
199Kb / 3P
   SmartRack 12U Server-Depth Wall-Mount Rack Enclosure Cabinet, Hinged Back
SRW12UDP TRIPPLITE-SRW12UDP Datasheet
560Kb / 3P
   SmartRack 12U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet
SRWF12U38 TRIPPLITE-SRWF12U38 Datasheet
165Kb / 3P
   SmartRack 12U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
   SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12USG TRIPPLITE-SRW12USG Datasheet
508Kb / 3P
   SmartRack 12U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet, Plexiglass Front Door Insert
SRW12UHD TRIPPLITE-SRW12UHD Datasheet
547Kb / 2P
   SmartRack 12U Heavy-Duty Side-Mount Wall-Mount Rack Enclosure Cabinet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com