Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRW12USNEMA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRW12USNEMA
Description  12U SmartRack NEMA 12 Wall-Mount Rack Enclosure Cabinet for Harsh Environments
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW12USNEMA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRW12USNEMA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW12USNEMA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRW12USNEMA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12U SmartRack NEMA 12 Wall-Mount Rack
Enclosure Cabinet for Harsh Environments
MODEL NUMBER: SRW12USNEMA
Description
SRW12USNEMA protects sensitive electronic equipment from harsh conditions that would overwhelm a typical
wall-mount rack cabinet, including falling dirt, dust, drips and splashes. It is ideal for use in factories,
construction areas, utility plants, warehouses and other areas with limited floor space that are high in moisture,
dust and debris. It is designed to integrate wall-mounting, easy equipment access, and cable management in IT
network applications with limited floor space. The enclosure has a NEMA 12 protection rating, which is equivalent
to IP54. That means it can protect your equipment from falling dirt, dust, drips, splashes and accidental contact
with personnel. The front and side panels have ventilating louvers instead of open mesh. They also have a
sealing gasket around the door frames. On the front door there is a built-in dust filter. The filter is removable and
can be replaced with standard furnace filters - they're simple, inexpensive and effective. To compensate for the
added air resistance of the filters, there are 4 large, high performance intake fans in the front door. The fans pull
air through the enclosure, from front to side. Since the doors and top are sealed, cable access is provided
through 4 cable ports in the rear side. They allow cables to pass through, but they block the area around the
cables maintaining the NEMA 12 protection. Adjustable rack rails with square mounting holes accommodate up
to 12U of standard 19" rackmount equipment. Supports up to 200 lbs of equipment. A sturdy hinge between the
cabinet and the wall-mount bracket allows the cabinet to swing away from the wall for easy access to equipment
and cabling.
Features
12U wall-mounted enclosure
NEMA 12(IP54) protection rating allowing protection from falling dirt, dust, drips, splashes and accidental
contact with personnel.
Adjustable mounting depths from 3" to 20.5" inches
Front door and side panels have ventilating louvers and a sealing gasket around the door frames.
Built-in removable dust filter that can be replaced with standard furnace filters.
4 large, high-performance fans in front door that pull air through the enclosure, from front to rear.
Hinged cabinet swings away from wall bracket for easy equipment and cable access
Highlights
NEMA 12 (IP54) Protection
Rating: Sealed, locking cabinet
protects against dust, dirt, drips
and splashes
Heavy-Duty Construction:
Withstands jolts and vibrations in
harsh working environments
Self-Sealing Cable Ports: Permit
cable access while maintaining
dust and moisture resistance
Louvered Door and Side Panels
with Sealing Gaskets: Keep out
drips, splashing water and falling
debris
Built-in Dust Filter: Is easy to
remove and replace with
standard off-the-shelf furnace
filters
4 High-Performance Fans:
Maintain ample airflow to keep
equipment cool
Applications
Ideal for harsh indoor environments
that require protection from falling dirt
or liquid, dust, light splashing, oil or
coolant seepage, or accidental contact
by personnel. It's perfect for locations
like factories, power stations,
construction areas, shipping facilities,
warehouses, processing plants,
transport hubs and anywhere you
need to protect equipment in a harsh
working environments.
Package Includes
SRW12USNEMA Wallmount rack
enclosure
(20) M6 cagenuts
(20) M6 screws
(20) Washers
(2) Keys
(1) Removable/Replaceable dust
filter
1 / 3


Similar Part No. - SRW12USNEMA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW12US TRIPPLITE-SRW12US Datasheet
515Kb / 3P
   SmartRack 12U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12US33 TRIPPLITE-SRW12US33 Datasheet
199Kb / 3P
   SmartRack 12U Server-Depth Wall-Mount Rack Enclosure Cabinet, Hinged Back
SRW12US33G TRIPPLITE-SRW12US33G Datasheet
187Kb / 3P
   SmartRack 12U Server-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW12USDP TRIPPLITE-SRW12USDP Datasheet
528Kb / 3P
   SmartRack 12U UPS-Depth Wall-Mount Rack Enclosure Cabinet, Hinged Back
SRW12USDPG TRIPPLITE-SRW12USDPG Datasheet
532Kb / 3P
   SmartRack 12U UPS-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
More results

Similar Description - SRW12USNEMA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
   12U SmartRack Rack Enclosure Cabinet for Harsh Environments
SR42UBEIS TRIPPLITE-SR42UBEIS Datasheet
520Kb / 3P
   42U SmartRack NEMA 12 Rack Enclosure Cabinet for Harsh Environments
SRWX12USNEMA TRIPPLITE-SRWX12USNEMA Datasheet
177Kb / 4P
   SmartRack 12U IP54 Switch-Depth Wall-Mount Rack Enclosure Cabinet for Harsh Environments, Hinged Back, 230V
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
   SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
SRW12US TRIPPLITE-SRW12US Datasheet
515Kb / 3P
   SmartRack 12U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12U13 TRIPPLITE-SRW12U13 Datasheet
539Kb / 2P
   SmartRack 12U Slim Wall-Mount Shallow-Depth Rack Enclosure Cabinet
SRW12UHD TRIPPLITE-SRW12UHD Datasheet
547Kb / 2P
   SmartRack 12U Heavy-Duty Side-Mount Wall-Mount Rack Enclosure Cabinet
SRW12U TRIPPLITE-SRW12U Datasheet
202Kb / 3P
   SmartRack 12U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet
SR12UB TRIPPLITE-SR12UB Datasheet
482Kb / 3P
   12U SmartRack Deep Rack Enclosure Cabinet
SRW12USDP TRIPPLITE-SRW12USDP Datasheet
528Kb / 3P
   SmartRack 12U UPS-Depth Wall-Mount Rack Enclosure Cabinet, Hinged Back
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com