Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1807L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1807L
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1807L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1807L Datasheet HTML 1Page - KEC(Korea Electronics) KTA1807L Datasheet HTML 2Page - KEC(Korea Electronics) KTA1807L Datasheet HTML 3Page - KEC(Korea Electronics) KTA1807L Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2003. 3. 27
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTA1807D/L
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 2
HIGH VOLTAGE SWITCHING.
POWER SUPPLY SWITCHING FOR TELEPHONES.
FEATURES
High Voltage : VCEO=-600V.
High Speed Switching Time.
: tf 1.0 s (IC=-0.5A)
Low Collector Emitter Saturation Voltage.
: VCE(sat)=-0.28V (IC=-0.3A, IB=-60mA)
Wide Safe Operating Area (SOA).
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-600
V
Collector-Emitter Voltage
VCEO
-600
V
Emitter-Base Voltag
VEBO
-7
V
Collector Current
DC
IC
-1.0
A
Pulse
*
ICP
-2.0
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
* PW 10ms, Duty Cycle 50%.


Similar Part No. - KTA1807L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1807L KEC-KTA1807L Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Similar Description - KTA1807L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTB1370 KEC-KTB1370 Datasheet
417Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)
KTC4521 KEC-KTC4521 Datasheet
366Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4521F KEC-KTC4521F Datasheet
382Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
logo
NEC
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com