Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT3904LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT3904LT1G
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT3904LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT3904LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT3904LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT3904LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT3904LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT3904LT1G_15 Datasheet HTML 6Page - Leshan Radio Company LMBT3904LT1G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL TRANSIENT CHARACTERISTICS
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
+3 V
275
10 k
1N916
CS < 4 pF*
+3 V
275
10 k
CS < 4 pF*
< 1 ns
-0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
-9.1 V
+10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
REVERSE BIAS VOLTAGE (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC = 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25°C
TJ = 125°C
Figure 3. Capacitance
Figure 4. Charge Data
Figure 5. Turn −On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
Rev.O 3/7
LMBT3904LT1G,S-LMBT3904LT1G


Similar Part No. - LMBT3904LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3904LT1G LRC-LMBT3904LT1G Datasheet
160Kb / 7P
   General Purpose Transistor
logo
Inchange Semiconductor ...
LMBT3904LT1G ISC-LMBT3904LT1G Datasheet
331Kb / 3P
   isc Silicon NPN RF Transistor
More results

Similar Description - LMBT3904LT1G_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com