Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT4401DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT4401DW1T1G
Description  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT4401DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT4401DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT4401DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT4401DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT4401DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT4401DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT4401DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
40
Vdc
Collector–Base Voltage
V CBO
60
Vdc
Emitter–Base Voltage
V EBO
6.0
Vdc
Collector Current — Continuous
I C
600
mAdc
THERMAL CHARACTERISTICS
DEVICE MARKING
LMBT4401DW1T1G = 2X
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (2)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, I B = 0)
40
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C = 0.1 mAdc, I E = 0)
60
Emitter–Base Breakdown Voltage
V (BR)EBO
Vdc
(I E = 0.1 mAdc, I C = 0)
6.0
Base Cutoff Current
I BEV
µAdc
(V CE = 35 Vdc, V EB = 0.4 Vdc)
0.1
Collector Cutoff Current
I CEX
µAdc
(V CE = 35 Vdc, V EB = 0.4 Vdc)
0.1
2. Pulse Test: Pulse Width <300
µs; Duty Cycle <2.0%.
ORDERING INFORMATION
compliance with RoHS requirements.
We declare that the material of product
LMBT4401DW1T1G
1
3
2
SOT-363/SC-88
6
4
5
E
1
B
1
E
2
C
1
B
2
C
2
Q2
Q1
1
2
3
4
5
6
MOUNT TRANSISTOR
DUAL SMALL SIGNAL SURFACE
Device
Marking
Shipping
2X
3000/Tape&Reel
LMBT4401DW1T1G
LMBT4401DW1T3G
2X
10000/Tape&Reel
Characteristic
Symbol
Max
Unit
Total Package Dissipation(1)
TA = 25°C
PD
150
mW
Thermal Resistance Junction to
Ambient
RqJA
833
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
°C
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum
1. recommended footprint.
Rev.O 1/6
S-LMBT4401DW1T1G
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S- Prefix for Automotive and Other Applications Requiring Unique Site
S-LMBT4401DW1T1G
S-LMBT4401DW1T3G


Similar Part No. - LMBT4401DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT4401DW1T1G LRC-LMBT4401DW1T1G Datasheet
408Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - LMBT4401DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT4413DW1T1G LRC-LMBT4413DW1T1G_15 Datasheet
898Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4413DW1T1G LRC-LMBT4413DW1T1G Datasheet
793Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G Datasheet
408Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
First Silicon Co., Ltd
FFB4413D FS-FFB4413D Datasheet
823Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
LMBT5541DW1T1G LRC-LMBT5541DW1T1G Datasheet
259Kb / 8P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT5541DW1T1G LRC-LMBT5541DW1T1G_15 Datasheet
287Kb / 8P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G Datasheet
399Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G_15 Datasheet
399Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com