Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT5551LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT5551LT1G
Description  High Voltage Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5551LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT5551LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT5551LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT5551LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT5551LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT5551LT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT5550LT1G LMBT5551LT1G
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (Note 3)
(IC = 1.0 mAdc, IB = 0)
LMBT5550
LMBT5551
V(BR)CEO
140
160
-
-
Vdc
Collector-Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
LMBT5550
LMBT5551
V(BR)CBO
160
180
-
-
Vdc
Emitter-Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
-
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
LMBT5550
(VCB = 120 Vdc, IE = 0)
LMBT5551
(VCB = 100 Vdc, IE = 0, TA = 100°C)
LMBT5550
(VCB = 120 Vdc, IE = 0, TA = 100°C)
LMBT5551
ICBO
-
-
-
-
100
50
100
50
nAdc
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
-
50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
LMBT5550
LMBT5551
(IC = 10 mAdc, VCE = 5.0 Vdc)
LMBT5550
LMBT5551
(IC = 50 mAdc, VCE = 5.0 Vdc)
LMBT5550
LMBT5551
hFE
60
80
60
80
20
30
-
-
250
250
-
-
-
Collector-Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
Both Types
(IC = 50 mAdc, IB = 5.0 mAdc)
LMBT5550
LMBT5551
VCE(sat)
-
-
-
0.15
0.25
0.20
Vdc
Base-Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
Both Types
(IC = 50 mAdc, IB = 5.0 mAdc)
LMBT5550
LMBT5551
VBE(sat)
-
-
-
1.0
1.2
1.0
Vdc
Collector Emitter Cut-off
(VCB = 10 V)
Both Types
(VCB = 75 V)
ICES
-
-
50
100
nA
Rev.O 2/5
S-LMBT5550LT1G S-LMBT5551LT1G


Similar Part No. - LMBT5551LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5551LT1G LRC-LMBT5551LT1G_11 Datasheet
135Kb / 5P
   High Voltage Transistors RoHS requirements.
More results

Similar Description - LMBT5551LT1G_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com