Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

KTA733 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTA733
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA733 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA733 Datasheet HTML 1Page - KEC(Korea Electronics) KTA733 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 9. 14
2/2
KTA733
Revision No : 2
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
30
-0.1
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
-10
-0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
-1
-2
-3
-4
-5
-6
-7
-40
-80
-120
-160
-200
-240
COMMON EMITTER
Ta=25 C
-2.0
-1.5
-1.0
-0.5
I =-0.2mA
0
B
FE
C
-0.3
-1
-3
-10
-30
-100
-300
50
100
300
500
1k
3k
3k
1k
500
300
100
50
-300
-100
-30
-10
-3
-1
-0.3
C
T
f
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
30
COMMON
EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V
=-6V
CE
CE(sat)
C
-0.3
-1
-3
-10
-30
-100
-300
-30
-50
-100
-300
-500
-1k
COMMON EMITTER
I /I =10
CB
Ta=100
C
Ta=25 C
Ta=-25 C
COMMON EMITTER
V
=-10V
Ta=25 C
CE
BBE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-3
-10
-30
-100
-300
-1k
COMMON EMITTER
V
=-6V
CE
25
50
75
100
125
150
175
100
200
300
400
500
600
700


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn