Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1781 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1781
Description  STR71x GPIO DRIVING FOUR 7-SEGMENT DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1781 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1781 Datasheet HTML 1Page - STMicroelectronics AN1781 Datasheet HTML 2Page - STMicroelectronics AN1781 Datasheet HTML 3Page - STMicroelectronics AN1781 Datasheet HTML 4Page - STMicroelectronics AN1781 Datasheet HTML 5Page - STMicroelectronics AN1781 Datasheet HTML 6Page - STMicroelectronics AN1781 Datasheet HTML 7Page - STMicroelectronics AN1781 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STR71x GPIO DRIVING FOUR 7-SEGMENT DISPLAY
Table 1. LEDs turned on for a given digit
x = Don’t care
a
b
c
d
e
f
g
DP
Hex
0
1
1
1
1
1
1
0
x
0x3F
1
0
1
1
0
0
0
0
x
0x06
2
1
1
0
1
1
0
1
x
0x5B
3
1
1
1
1
0
0
1
x
0x4F
4
0
1
1
0
0
1
1
x
0x66
5
1
0
1
1
0
1
1
x
0x6D
6
1
0
1
1
1
1
1
x
0x7D
7
1
1
1
0
0
0
0
x
0x07
8
1
1
1
1
1
1
1
x
0x7F
9
1
1
1
1
0
1
1
x
0x6F
A
1
1
1
1
0
1
1
x
0x77
B
0
1
1
1
1
0
1
x
0x7C
C
1
0
0
1
1
1
0
x
0x39
D
0
1
1
1
1
0
1
x
0x5E
E
1
0
0
1
1
1
1
x
0x79
F
1
0
0
0
1
1
1
x
0x71
DP
x
x
x
x
x
x
x
1


Similar Part No. - AN1781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN1781 MAXIM-AN1781 Datasheet
32Kb / 4P
   Graphics Chip Supply Delivers 1.65V at 26A
Nov 11, 2002
More results

Similar Description - AN1781

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD46-CAMY01 P-TEC-PD46-CAMY01 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR24 P-TEC-PD46-CAMR24 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR21 P-TEC-PD46-CAMR21 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMG13 P-TEC-PD46-CAMG13 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR12 P-TEC-PD46-CAMR12 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD8041AB LIGHTKEY-LD8041AB Datasheet
170Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com