Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1800 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1800
Description  STR71x BSPI USED AS A UART
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1800 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1800 Datasheet HTML 1Page - STMicroelectronics AN1800 Datasheet HTML 2Page - STMicroelectronics AN1800 Datasheet HTML 3Page - STMicroelectronics AN1800 Datasheet HTML 4Page - STMicroelectronics AN1800 Datasheet HTML 5Page - STMicroelectronics AN1800 Datasheet HTML 6Page - STMicroelectronics AN1800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
STR71x BSPI USED AS A UART
3 STR71X CONFIGURATION
This application was implemented with a STR71X. This microcontroller uses a 16 MHz ex-
ternal clock (quartz). A description of the baud rate selection is given later in this application
note.
3.1 GENERAL INITIALIZATION
Four pins of the STR71x are used:
the MOSI pin (Master Output Slave Input).
the MISO pin (Master Input, Slave Output).
the SCLK clock pin.
the SS slave select pin.
The MOSI, MISO and SCLK pins must be initialized as Push-Pull (please refer to the Refer-
ence Manual).
3.2 BSPI CONFIGURATION
The peripheral is configured as a master by using function BSPI_MasterEnable, and the Baud
Rate is fixed by using function BSPI_ClockDividerConfig (please refer to the STR71x Soft-
ware Library User Manual for more information).
3.2.1 EXAMPLE
Then the baud rates must be selected. We should always have the same baud rates in the PC
and in the BSPI.
Baud Rate
Clock Divider
19200
0xCF
38400
0x67
57600
0x40
115200
0x20


Similar Part No. - AN1800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1809 STMICROELECTRONICS-AN1809 Datasheet
115Kb / 8P
   STR71x ADC DRIVING AN ANALOG KEYBOARD
More results

Similar Description - AN1800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1810 STMICROELECTRONICS-AN1810 Datasheet
109Kb / 8P
   STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH
AN1797 STMICROELECTRONICS-AN1797 Datasheet
85Kb / 9P
   STR71x UART COMMUNICATION WITH A PC USING RS232
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
AN1799 STMICROELECTRONICS-AN1799 Datasheet
110Kb / 7P
   STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
   STR71x firmware library
logo
Holtek Semiconductor In...
HT56RU25 HOLTEK-HT56RU25 Datasheet
3Mb / 155P
   DAC?갏SO7816, UART, A/D
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
AN1777 STMICROELECTRONICS-AN1777 Datasheet
83Kb / 7P
   STR71x MEMORY MAPPING AND DEVELOPMENT TOOLSET
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
   As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
   As Easy To Install as a Microswitch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com