Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1947 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1947
Description  ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1947 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1947 Datasheet HTML 7Page - STMicroelectronics AN1947 Datasheet HTML 8Page - STMicroelectronics AN1947 Datasheet HTML 9Page - STMicroelectronics AN1947 Datasheet HTML 10Page - STMicroelectronics AN1947 Datasheet HTML 11Page - STMicroelectronics AN1947 Datasheet HTML 12Page - STMicroelectronics AN1947 Datasheet HTML 13Page - STMicroelectronics AN1947 Datasheet HTML 14Page - STMicroelectronics AN1947 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11/36
ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
plied to the motor by the controller. Together with the frequency synchronization the phase
Φ
must be synchronized according the position of the rotor read by the Hall sensors.
To avoid giving a high voltage value based on the current frequency, a V/F limitation curve is
used to fix the maximum voltage value supplied for that stator frequency.
2.2 VARIOUS CONFIGURATIONS OF HALL SENSORS
In commerce there are motors with different numbers of Hall sensors and various Hall sensor
configurations. The most common PM motors have three, two or one hall sensors. Motors with
three hall sensors can be arranged in two configuration types: 120° spatial distribution or 60°
spatial distribution. Motors with 2 hall sensors have spatial distribution of 90°. Figure 5 sum-
marizes the most common Hall sensor configurations and the relative waveforms of the sig-
nals that are observed from the Hall sensors during an electrical cycle of the rotor.
2.3 PHASE ANGLE
We refer as “Phase Angle” the angle between the H1 edge transition and the 90° of A winding
sinus phase. This value must be set to get the synchronism between rotor and stator and to
optimize the efficiency of the motor. This value can be different for different speed and/or load
condition. See Figure 6.


Similar Part No. - AN1947

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1941 STMICROELECTRONICS-AN1941 Datasheet
505Kb / 15P
   LOW VOLTAGE LED DRIVER USING
logo
Maxim Integrated Produc...
AN1943 MAXIM-AN1943 Datasheet
211Kb / 4P
   Improving the Performance of the MAX4455 by Reducing On-Screen Display Artifacts
Mar 21, 2003
logo
STMicroelectronics
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
   Developing IGBT applications using an TD350 advanced IGBT driver
AN1946 STMICROELECTRONICS-AN1946 Datasheet
659Kb / 35P
   SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
AN1948 STMICROELECTRONICS-AN1948 Datasheet
676Kb / 23P
   DVD combo power supply with the VIPer53-E
More results

Similar Description - AN1947

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1905 STMICROELECTRONICS-AN1905 Datasheet
1Mb / 77P
   ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
   Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
   Sine-wave PWM control
logo
STMicroelectronics
ST7MC-KIT STMICROELECTRONICS-ST7MC-KIT Datasheet
161Kb / 5P
   Softec?셲 complete motor control starter kit for ST7MC
November 2011 Rev 2
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
logo
Toshiba Semiconductor
TB6572AFG TOSHIBA-TB6572AFG Datasheet
347Kb / 28P
   3-Phase Full-Wave Brushless Motor Controller Featuring Speed Control and Sine Wave PWM Drive
2008-1-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com