Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1966 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1966
Description  In most of their applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1966 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1966 Datasheet HTML 3Page - STMicroelectronics AN1966 Datasheet HTML 4Page - STMicroelectronics AN1966 Datasheet HTML 5Page - STMicroelectronics AN1966 Datasheet HTML 6Page - STMicroelectronics AN1966 Datasheet HTML 7Page - STMicroelectronics AN1966 Datasheet HTML 8Page - STMicroelectronics AN1966 Datasheet HTML 9Page - STMicroelectronics AN1966 Datasheet HTML 10Page - STMicroelectronics AN1966 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN1966
Transil choice for efficient TRIAC voltage protection
7/14
product portfolio is 50 mA ( we consider only Q1 and Q3 triggering as the TRIAC is triggered
in these quadrants here).
Then, as Igt is increasing when the temperature is decreasing, the required Transil current to
turn on the TRIAC will be higher at low temperature. According to ST TRIAC datasheets, the
Igt could be up to 2.25 times higher for a -40 °C junction temperature.
This gives a maximum Transil current of: Igtmax @ -40 °C = 115 mA
The Transil current can be higher than 115 mA (as shown in Section 4: Experimental
validation example). This phenomenon is due to the delay of the TRIAC to switch on. This
delay is typically lower than 2 µs. But during this time, even if the Transil clamps the voltage,
the line voltage is still increasing. This results in a current increase through the Transil diode.
This current is higher if the load impedance is lower, i.e. when the load power is higher. For
a 2 kW load, the current can reach several amperes (refer to Section 4: Experimental
validation example).
To identify the VCL for such a current, Figure 6., given in Transil datasheets, can be used.
This figure shows that for a current pulse width shorter than 20 µs (much higher than TRIAC
turn-on time) and a peak current lower than 1 A, the Transil VCL is around 550 V. So it is
lower than most TRIACs VDSM (700 V or 900 V).
Note that this figure is given for a 25 °C initial junction temperature. For a higher initial
temperature, you can use the temperature derating factor (
αT) given in Transils datasheet,
as shown on the following formula. As the Transil is not operating before the surge, the initial
temperature is the ambient temperature. As usually in industrial and appliance applications,
the highest ambient temperature is 70 °C, the supplementary voltage is around 20 V for a
BZW04-376B and so can be neglected.
For an SMD application two SMAJ188CA-TR can be used in series. The maximum VCL has
then to be calculated as twice the value read in the data sheet graph or with the VCL value
given for a 1.4 A peak current (328 V). This gives a maximum voltage of 656 V which is good
even for 600 V TRIACs as ST guarantees a 700 V maximum peak voltage (refer to VDSM,
VRSM parameters).
Figure 6.
Clamping voltage versus peak pulse current
0.1
1
10
100
1000
1
10
100
1000
10
100
BWZ04 5V8
BWZ04 8V5
BWZ04 33
BWZ04 213
BWZ04 376
V(V)
CL
Ipp (A)
t
%Ipp
100
50
0
t r
t< 10
s
r
t
-
-
-
-
-
Tj initial = 25°C
t = 20µs
p
t = 1ms
t = 10ms
p
p
Exponential waveform:


Similar Part No. - AN1966

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN19 ETC-AN19 Datasheet
334Kb / 8P
   AN19 - How 2 Use de KITS SPC DC Motor with StarTech PPI Card
logo
STMicroelectronics
AN1902 STMICROELECTRONICS-AN1902 Datasheet
1Mb / 32P
   DEVICES TO DRIVE 58W TL TUBES
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
AN1905 STMICROELECTRONICS-AN1905 Datasheet
1Mb / 77P
   ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
AN1934 STMICROELECTRONICS-AN1934 Datasheet
808Kb / 32P
   This circuit can be used to produce multiple outputs
More results

Similar Description - AN1966

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CFS-308 CITIZEN-CFS-308 Datasheet
139Kb / 2P
   Because of their excellent shock resistance
CMR250T CITIZEN-CMR250T Datasheet
116Kb / 2P
   Because of their excellent shock resistance
logo
STMicroelectronics
AN2866 STMICROELECTRONICS-AN2866 Datasheet
295Kb / 24P
   RFID tags extract all of their power
logo
International Rectifier
IRGS14C40LPBF IRF-IRGS14C40LPBF_15 Datasheet
297Kb / 12P
   MOST RUGGED IN INDUSTRY
logo
STMicroelectronics
AN3116 STMICROELECTRONICS-AN3116 Datasheet
242Kb / 18P
   STM32?™?s ADC modes and their applications
arch 2010 Rev 1
logo
International Rectifier
IRGB14C40LPBF IRF-IRGB14C40LPBF_15 Datasheet
256Kb / 12P
   MOST RUGGED IN INDUSTRY
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
logo
STMicroelectronics
AN439 STMICROELECTRONICS-AN439 Datasheet
464Kb / 16P
   The use of TRIACs is limited by their switching behavior
logo
Productwell Precision E...
RKJXK3001 PRODUCTWELL-RKJXK3001_14 Datasheet
525Kb / 3P
   Most miniaturized series in our joystick controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com