Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2017 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics AN2017 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
5 PROS AND CONS OF DIFFERENT TYPES OF RESET MECHANISM
This section includes the advantages and disadvantages of both External Reset and Internal
LVD. In the section below ‘+’ indicates advantages and ‘-’ indicates disadvantages.
5.1 EXTERNAL RESET CIRCUIT
+ It can be used for very slow rising supply. External RCD circuit is suitable for fairly fast VDD
slopes. Transistor based Reset circuits can be used for very slow VDD slopes
- Extra components required resulting in additional cost and extra space on PCB
- Current consumption (Transistor based External Reset circuits) higher than that of Internal
LVD
5.2 INTERNAL LVD
+ Each MCU has three programmable thresholds
+ No additional cost, as this feature come with the microcontroller
+ No extra components, no extra space on the PCB
- LVD current consumption quite high when compared to External LVD
- VDD slope range is limited
- Supply Voltage should rise monotonously for correct functionality of LVD
- Poor accuracy of reset voltage threshold
5.3 EXTERNAL LVD
+ Could be useful if the application requires a specific threshold (other than LVD threshold)
+ Power consumption much less (6uA for STM809-812)
+ Offers excellent immunity to supply transients
+ A stand alone Reset can monitor a special voltage for a peripheral
+ Several stand alone resets can be put in parallel.
+ Reset threshold more accurate
- One chip can provide only one threshold (Internal LVD has three programmable thresholds)
- Extra space on PCB
- Additional cost, cost: 1 to 10K units: $0.16


Similar Part No. - AN2017

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AN2017-14 INFINEON-AN2017-14 Datasheet
1,000Kb / 21P
   Evaluation Board EVAL-1EDI20H12AH-SIC / EVAL-1EDC20H12AH-SIC 1EDI20H12AH/1EDC20H12AH with CoolSiC??MOSFET IMZ120R045M1
1.0 2017-11-30
More results

Similar Description - AN2017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
   In general the ADC embedded in the ST7 microcontroller
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
   In general the ADC embedded in the ST7 microcontroller
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
STMicroelectronics
AN1106 STMICROELECTRONICS-AN1106 Datasheet
91Kb / 9P
   TRANSLATING ASSEMBLY CODE FROM HC05 TO ST7
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com